Electronic Components Datasheet Search
  English  ▼

X  

AD9697 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9697
Description  14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9697 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9697 Datasheet HTML 19Page - Analog Devices AD9697 Datasheet HTML 20Page - Analog Devices AD9697 Datasheet HTML 21Page - Analog Devices AD9697 Datasheet HTML 22Page - Analog Devices AD9697 Datasheet HTML 23Page - Analog Devices AD9697 Datasheet HTML 24Page - Analog Devices AD9697 Datasheet HTML 25Page - Analog Devices AD9697 Datasheet HTML 26Page - Analog Devices AD9697 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 130 page
background image
Data Sheet
AD9697
Rev. 0 | Page 23 of 130
Using Register 0x1A4C and Register 0x1A4D, the buffer behavior
can be adjusted to optimize the SFDR over various input
frequencies and bandwidths of interest. Use Register 0x1910 to
change the internal reference voltage. Changing the internal
reference voltage results in a change in the input full-scale voltage.
When the input buffer current in Register 0x1A4C and
Register 0x1A4D is set, the amount of current required by the
AVDD3 supply changes. This relationship is shown in Figure 48.
For a complete list of buffer current settings, see Table 10.
0.050
0.020
400
350
450
500
BUFFER CURRENT (µA)
300
0.025
0.030
0.035
0.040
0.045
Figure 48. AVDD3 Current (IAVDD3) vs. Buffer Current (Buffer Control 1 Setting in
Register 0x1A4C and Buffer Control 2 Setting in Register 0x1A4D)
Table 10 shows the recommended values for the buffer current
for various Nyquist zones.
Absolute Maximum Input Swing
The absolute maximum input swing allowed at the inputs of the
AD9697 is 5.6 V p-p differential. Signals operating near or at
this level can cause permanent damage to the ADC.
Dither
The AD9697 has internal on-chip dither circuitry that improves
the ADC linearity and SFDR, particularly at smaller signal
levels. A known but random amount of white noise is injected into
the input of theAD9697. This dither improves the small signal
linearity within the ADC transfer function and is precisely
subtracted out digitally. The dither is turned on by default and
does not reduce the ADC input dynamic range. The data sheet
specifications and limits are obtained with the dither turned on.
The dither is on by default. It is not recommended to turn it off.
Table 10. SFDR Optimization for Input Frequencies
Speed Grade
Frequency
Register 0x1A4C and Register 0x1A4D
Register 0x1B03
Register 0x1B08
Register 0x1B10
AD9697-1300
All AIN frequencies
300 µA
0x02
0xC1
0x00
ADC
CORE
INPUT FULL-SCALE
RANGE ADJUST
SPI REGISTER
(0x1910)
VREF PIN
CONTROL SPI
REGISTER
(0x18A6)
VFS
ADJUST
VIN+
VIN–
VREF
INTERNAL
0.5V
REFERENCE
GENERATOR
Figure 49. Internal Reference Configuration and Controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com