Electronic Components Datasheet Search
  English  ▼

X  

AD9772A-EB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9772A-EB
Description  14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772A-EB Datasheet(HTML) 3 Page - Analog Devices

  AD9772A-EB Datasheet HTML 1Page - Analog Devices AD9772A-EB Datasheet HTML 2Page - Analog Devices AD9772A-EB Datasheet HTML 3Page - Analog Devices AD9772A-EB Datasheet HTML 4Page - Analog Devices AD9772A-EB Datasheet HTML 5Page - Analog Devices AD9772A-EB Datasheet HTML 6Page - Analog Devices AD9772A-EB Datasheet HTML 7Page - Analog Devices AD9772A-EB Datasheet HTML 8Page - Analog Devices AD9772A-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AD9772A
Rev. C | Page 3 of 40
PRODUCT HIGHLIGHTS
1.
A flexible, low power 2× interpolation filter supporting
reconstruction bandwidths of up to 67.5 MHz can be
configured for a low- or high-pass response with 73 dB
of image rejection for traditional baseband or direct IF
applications.
2.
A zero-stuffing option enhances direct IF applications.
3.
A low glitch, fast settling 14-bit DAC provides exceptional
dynamic range for both baseband and direct IF waveform
reconstruction applications.
4.
The AD9772A digital interface, consisting of edge-triggered
latches and a flexible differential or single-ended clock input,
can support input data rates up to 160 MSPS.
5.
An on-chip PLL clock multiplier generates all of the
internal high speed clocks required by the interpolation
filter and DAC.
6.
The current output(s) of the AD9772A can easily be
configured for various single-ended or differential circuit
topologies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com