Electronic Components Datasheet Search
  English  ▼

X  

AD9772A-EB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9772A-EB
Description  14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772A-EB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9772A-EB Datasheet HTML 13Page - Analog Devices AD9772A-EB Datasheet HTML 14Page - Analog Devices AD9772A-EB Datasheet HTML 15Page - Analog Devices AD9772A-EB Datasheet HTML 16Page - Analog Devices AD9772A-EB Datasheet HTML 17Page - Analog Devices AD9772A-EB Datasheet HTML 18Page - Analog Devices AD9772A-EB Datasheet HTML 19Page - Analog Devices AD9772A-EB Datasheet HTML 20Page - Analog Devices AD9772A-EB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
AD9772A
Rev. C | Page 17 of 40
THEORY OF OPERATION
FUNCTIONAL DESCRIPTION
Figure 26 shows a simplified block diagram of the AD9772A.
The AD9772A is a complete 2× oversampling, 14-bit DAC that
includes a 2× interpolation filter, a phase-locked loop (PLL)
clock multiplier, and a 1.20 V band gap voltage reference.
Although the AD9772A digital interface can support input data
rates as high as 160 MSPS, its internal DAC can operate up to
400 MSPS, thus providing direct IF conversion capabilities.
The 14-bit DAC provides two complementary current outputs
whose full-scale current is determined by an external resistor.
The AD9772A features a flexible, low jitter differential clock
input, providing excellent noise rejection while accepting a sine
wave input. An on-chip PLL clock multiplier produces all of the
necessary synchronized clocks from an external reference clock
source. Separate supply inputs are provided for each functional
block to ensure optimum noise and distortion performance. A
sleep mode is also included for power savings.
14-BIT DAC
2× FIR
INTER-
POLATION
FILTER
EDGE-
TRIGGERED
LATCHES
CLOCK DISTRIBUTION
AND MODE SELECT
2× /4×
MUX
CONTROL
FILTER
CONTROL
1× /2×
1×
PLL CLOCK
MULTIPLIER
1.2V REFERENCE
AND CONTROL AMP
AD9772A
CLKCOM CLKVDD MOD0 MOD1 RESET PLLLOCK DIV0 DIV1
CLK+
CLK–
DATA
INPUTS
(DB13 TO
DB0)
SLEEP
DCOM DVDD
ACOM AVDD
REFLO
PLLCOM
LPF
PLLVDD
IOUTA
IOUTB
REFIO
FSADJ
ZERO
STUFF
MUX
Figure 26. Simplified Functional Block Diagram
Preceding the 14-bit DAC is a 2× digital interpolation filter that
can be configured for a low-pass (that is, baseband mode) or
high-pass (that is, direct IF mode) response. The input data is
latched into the edge-triggered input latches on the rising edge
of the differential input clock, as shown in Figure 2, and then
interpolated by a factor of 2 by the digital filter. For traditional
baseband applications, the 2× interpolation filter has a low-pass
response. For direct IF applications, the filter response can be
converted into a high-pass response to extract the higher image.
The output data of the 2× interpolation filter can update the
14-bit DAC directly or undergo a zero-stuffing process to increase
the DAC update rate by another factor of 2. This action enhances
the relative signal level and pass-band flatness of the higher
frequency images.
DIGITAL MODES OF OPERATION
The AD9772A features four modes of operation controlled by
the digital inputs, MOD0 and MOD1. MOD0 controls the 2×
digital filter response (that is, low-pass or high-pass), and
MOD1 controls the zero-stuffing option. The appropriate mode
to select (see Table 9) depends on whether the application
requires the reconstruction of a baseband or IF signal.
Table 9. Digital Modes
Digital
Mode
MOD0
MOD1
Digital
Filter
Zero-
Stuffing
Baseband
0
0
Low
No
Baseband
0
1
Low
Yes
Direct IF
1
0
High
No
Direct IF
1
1
High
Yes
For applications requiring the highest dynamic range over a
wide bandwidth, users should consider operating the AD9772A
in a baseband mode. Although the zero-stuffing option can be
used in this mode, the ratio of the signal to the image power
will be reduced.
For applications requiring the synthesis of IF signals, users
should consider operating the AD9772A in a direct IF mode. In
this case, the zero-stuffing option should be considered when
synthesizing and selecting IFs beyond the input data rate, fDATA.
If the reconstructed IF falls below fDATA, the zero-stuffing option
may or may not be beneficial. Note that the dynamic range (that
is, SNR/SFDR) can be optimized by disabling the PLL clock
multiplier (that is, by connecting PLLVDD to PLLCOM) and by
using an external low-jitter clock source operating at the DAC
update rate, fDAC.
2× Interpolation Filter Description
The 2× interpolation filter is based on a 43-tap, half-band,
symmetric FIR topology that can be configured for a low- or
high-pass response, depending on the state of the MOD0
control input. The low-pass response is selected with MOD0
low, and the high-pass response is selected with MOD0 high.
The low-pass frequency and the impulse response of the half-
band interpolation filter are shown in Figure 4 and Figure 5,
and the idealized filter coefficients are listed in Table 5. Note
that the impulse response of a FIR filter is also represented by
its idealized filter coefficients.
The 2× interpolation filter essentially multiplies the input data rate
to the DAC by a factor of 2, relative to its original input data rate,
while reducing the magnitude of the first image associated with
the original input data rate occurring at fDATA − fFUNDAMENTAL. As a
result of the 2× interpolation, the digital filter frequency response is
uniquely defined over its Nyquist zone of dc to fDATA, with mirror
images occurring in adjacent Nyquist zones.
The benefits of an interpolation filter are clearly seen in
Figure 27, which shows an example of the frequency and time
domain representation of a discrete time sine wave signal before
and after it is applied to the 2× digital interpolation filter in a
low-pass configuration. Images of the sine wave signal appear
around multiples of the input data rate (that is, fDATA) of the DAC,
as predicted by sampling theory. These undesirable images also
appear at the output of a reconstruction DAC, although they are
attenuated by the sin(x)/x roll-off response of the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com