Electronic Components Datasheet Search
  English  ▼

X  

AD9772A-EB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9772A-EB
Description  14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772A-EB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9772A-EB Datasheet HTML 5Page - Analog Devices AD9772A-EB Datasheet HTML 6Page - Analog Devices AD9772A-EB Datasheet HTML 7Page - Analog Devices AD9772A-EB Datasheet HTML 8Page - Analog Devices AD9772A-EB Datasheet HTML 9Page - Analog Devices AD9772A-EB Datasheet HTML 10Page - Analog Devices AD9772A-EB Datasheet HTML 11Page - Analog Devices AD9772A-EB Datasheet HTML 12Page - Analog Devices AD9772A-EB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD9772A
Rev. C | Page 9 of 40
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
With Respect to
Rating
AVDD, DVDD, CLKVDD,
PLLVDD
ACOM, DCOM,
CLKCOM, PLLCOM
−0.3 V to +4.0 V
AVDD, DVDD, CLKVDD,
PLLVDD
AVDD, DVDD,
CLKVDD, PLLVDD
−4.0 V to +4.0 V
ACOM, DCOM,
CLKCOM, PLLCOM
ACOM, DCOM,
CLKCOM, PLLCOM
−0.3 V to +0.3 V
REFIO, REFLO, FSADJ,
SLEEP
ACOM
−0.3 V to
AVDD + 0.3 V
IOUTA, IOUTB
ACOM
−1.0 V to
AVDD + 0.3 V
DB0 to DB13, MOD0,
MOD1, PLLLOCK
DCOM
−0.3 V to
DVDD + 0.3 V
CLK+, CLK−
CLKCOM
−0.3 V to
CLKVDD + 0.3 V
DIV0, DIV1, RESET
CLKCOM
−0.3 V to
CLKVDD + 0.3 V
LPF
PLLCOM
−0.3 V to
PLLVDD + 0.3 V
Junction Temperature
125°C
Storage Temperature
−65°C to +150°C
Lead Temperature
(10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
48-Lead LQFP
91
28
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com