Electronic Components Datasheet Search
  English  ▼

X  

AD9772A-EB Datasheet(PDF) 4 Page - Analog Devices

Part # AD9772A-EB
Description  14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772A-EB Datasheet(HTML) 4 Page - Analog Devices

  AD9772A-EB Datasheet HTML 1Page - Analog Devices AD9772A-EB Datasheet HTML 2Page - Analog Devices AD9772A-EB Datasheet HTML 3Page - Analog Devices AD9772A-EB Datasheet HTML 4Page - Analog Devices AD9772A-EB Datasheet HTML 5Page - Analog Devices AD9772A-EB Datasheet HTML 6Page - Analog Devices AD9772A-EB Datasheet HTML 7Page - Analog Devices AD9772A-EB Datasheet HTML 8Page - Analog Devices AD9772A-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD9772A
Rev. C | Page 4 of 40
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 0 V, DVDD = 3.3 V, IOUTFS = 20 mA, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
RESOLUTION
14
Bits
DC ACCURACY1
Integral Linearity Error (INL)
±3.5
LSB
Differential Nonlinearity (DNL)
±2.0
LSB
Monotonicity (12-Bit)
Guaranteed over specified temperature range
ANALOG OUTPUT
Offset Error
−0.025
+0.025
% of FSR
Gain Error
Without Internal Reference
−2
±0.5
+2
% of FSR
With Internal Reference
−5
±1.5
+5
% of FSR
Full-Scale Output Current2
20
mA
Output Compliance Range
−1.0
+1.25
V
Output Resistance
200
kΩ
Output Capacitance
3
pF
REFERENCE OUTPUT
Reference Voltage
1.14
1.20
1.26
V
Reference Output Current3
1
μA
REFERENCE INPUT
Input Compliance Range
0.1
1.25
V
Reference Input Resistance (REFLO = 3 V)
10
MΩ
Small-Signal Bandwidth
0.5
MHz
TEMPERATURE COEFFICIENTS
Unipolar Offset Drift
0
ppm of FSR/°C
Gain Drift
Without Internal Reference
±50
ppm of FSR/°C
With Internal Reference
±100
ppm of FSR/°C
Reference Voltage Drift
±50
ppm/°C
POWER SUPPLY
AVDD
Voltage Range
3.1
3.3
3.5
V
Analog Supply Current (IAVDD)
34
37
mA
Analog Supply Current in Sleep Mode (IAVDD)
4.3
6
mA
DVDD
Voltage Range
3.1
3.3
3.5
V
Digital Supply Current (IDVDD)
37
40
mA
CLKVDD, PLLVDD4 (PLLVDD = 3.3 V)
Voltage Range
3.1
3.3
3.5
V
Clock Supply Current (ICLKVDD + IPLLVDD)
25
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com