Electronic Components Datasheet Search
  English  ▼

X  

AD9772A-EB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9772A-EB
Description  14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772A-EB Datasheet(HTML) 1 Page - Analog Devices

  AD9772A-EB Datasheet HTML 1Page - Analog Devices AD9772A-EB Datasheet HTML 2Page - Analog Devices AD9772A-EB Datasheet HTML 3Page - Analog Devices AD9772A-EB Datasheet HTML 4Page - Analog Devices AD9772A-EB Datasheet HTML 5Page - Analog Devices AD9772A-EB Datasheet HTML 6Page - Analog Devices AD9772A-EB Datasheet HTML 7Page - Analog Devices AD9772A-EB Datasheet HTML 8Page - Analog Devices AD9772A-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
14-Bit, 160 MSPS TxDAC+
with 2× Interpolation Filter
AD9772A
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Single 3.1 V to 3.5 V supply
14-bit DAC resolution and input data width
160 MSPS input data rate
67.5 MHz reconstruction pass band @ 160 MSPS
74 dBc SFDR @ 25 MHz
2× interpolation filter with high- or low-pass response
73 dB image rejection with 0.005 dB pass-band ripple
Zero-stuffing option for enhanced direct IF performance
Internal 2×/4× clock multiplier
250 mW power dissipation; 13 mW with power-down mode
48-lead LQFP package
APPLICATIONS
Communication transmit channel
W-CDMA base stations, multicarrier base stations,
direct IF synthesis, wideband cable systems
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
14-BIT DAC
2× FIR
INTER-
POLATION
FILTER
EDGE-
TRIGGERED
LATCHES
CLOCK DISTRIBUTION
AND MODE SELECT
MUX
CONTROL
FILTER
CONTROL
1×/2×
2×/4×
1×
PLL CLOCK
MULTIPLIER
1.2V REFERENCE
AND CONTROL AMP
AD9772A
CLKCOM CLKVDD MOD0 MOD1 RESET PLLLOCK DIV0 DIV1
CLK+
CLK–
DATA
INPUTS
(DB13 TO
DB0)
SLEEP
DCOM DVDD
ACOM AVDD
REFLO
PLLCOM
LPF
PLLVDD
IOUTA
IOUTB
REFIO
FSADJ
ZERO-
STUFF
MUX
Figure 1.
GENERAL DESCRIPTION
The AD9772A is a single-supply, oversampling, 14-bit digital-
to-analog converter (DAC) optimized for baseband or IF
waveform reconstruction applications requiring exceptional
dynamic range. Manufactured on an advanced CMOS process,
it integrates a complete, low distortion 14-bit DAC with a 2×
digital interpolation filter and clock multiplier. The on-chip PLL
clock multiplier provides all the necessary clocks for the digital
filter and the 14-bit DAC. A flexible differential clock input
allows for a single-ended or differential clock driver for
optimum jitter performance.
For baseband applications, the 2× digital interpolation filter
provides a low-pass response, thus providing as much as a
threefold reduction in the complexity of the analog reconstruc-
tion filter. It does so by multiplying the input data rate by a
factor of 2 while suppressing the original upper in-band image
by more than 73 dB. For direct IF applications, the 2× digital
interpolation filter response can be reconfigured to select the
upper in-band image (that is, the high-pass response) while
suppressing the original baseband image. To increase the signal
level of the higher IF images and their pass-band flatness in
direct IF applications, the AD9772A also features a zero-stuffing
option in which the data following the 2× interpolation filter is
upsampled by a factor of 2 by inserting midscale data samples.
The AD9772A can reconstruct full-scale waveforms with band-
widths of up to 67.5 MHz while operating at an input data rate
of 160 MSPS. The 14-bit DAC provides differential current
outputs to support differential or single-ended applications.
A segmented current source architecture is combined with a
proprietary switching technique to reduce spurious components
and enhance dynamic performance. Matching between the two
current outputs ensures enhanced dynamic performance in a
differential output configuration. The differential current
outputs can be fed into a transformer or a differential op amp
topology to obtain a single-ended output voltage using an
appropriate resistive load.
The on-chip band gap reference and control amplifier are con-
figured for maximum accuracy and flexibility. The AD9772A
can be driven by the on-chip reference or by a variety of
external reference voltages. The full-scale current of the
AD9772A can be adjusted over a 2 mA to 20 mA range, thus
providing additional gain-ranging capabilities.
The AD9772A is available in a 48-lead LQFP package and is
specified for operation over the industrial temperature range of
–40°C to +85°C.


Similar Part No. - AD9772A-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9772A AD-AD9772A Datasheet
596Kb / 32P
14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
AD9772AAST AD-AD9772AAST Datasheet
596Kb / 32P
14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
AD9772AST AD-AD9772AST Datasheet
340Kb / 30P
14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
REV.0
More results

Similar Description - AD9772A-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9772 AD-AD9772 Datasheet
340Kb / 30P
14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
REV.0
AD9772A AD-AD9772A Datasheet
596Kb / 32P
14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
AD9773 AD-AD9773 Datasheet
218Kb / 19P
12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
AD9774 AD-AD9774 Datasheet
313Kb / 24P
14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV.B
AD9786 AD-AD9786 Datasheet
1Mb / 60P
16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
7/04-Revision 0
AD9784 AD-AD9784 Datasheet
1Mb / 52P
14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
AD9774ASZ AD-AD9774ASZ Datasheet
302Kb / 24P
14-Bit, 32 MSPS TxDAC??with 43 Interpolation Filters
REV. B
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9772 AD-AD9772_15 Datasheet
389Kb / 30P
14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
REV. 0
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com