Electronic Components Datasheet Search
  English  ▼

X  

AD9772A-EB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9772A-EB
Description  14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772A-EB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9772A-EB Datasheet HTML 12Page - Analog Devices AD9772A-EB Datasheet HTML 13Page - Analog Devices AD9772A-EB Datasheet HTML 14Page - Analog Devices AD9772A-EB Datasheet HTML 15Page - Analog Devices AD9772A-EB Datasheet HTML 16Page - Analog Devices AD9772A-EB Datasheet HTML 17Page - Analog Devices AD9772A-EB Datasheet HTML 18Page - Analog Devices AD9772A-EB Datasheet HTML 19Page - Analog Devices AD9772A-EB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
AD9772A
Rev. C | Page 16 of 40
AOUT (dBFS)
90
–20
85
80
75
70
65
60
–10
0
–5
fDATA = 160MSPS
fDATA = 65MSPS
fDATA = 78MSPS
–15
Figure 20. Third-Order IMD Products vs. AOUT @ fOUT = fDAC/11
AOUT (dBFS)
90
–20
85
80
75
70
65
60
–10
–5
0
–15
55
50
fDATA = 160MSPS
fDATA = 65MSPS
fDATA = 78MSPS
Figure 21. Third-Order IMD Products vs. AOUT @ fOUT = fDAC/5
AVDD (V)
90
70
50
3.6
3.3
3.0
80
60
85
75
65
55
3.1
3.2
3.4
3.5
–6dBFS
0dBFS
–3dBFS
Figure 22. SFDR vs. AVDD @ fOUT = 10 MHz, fDAC = 320 MSPS
AVDD (V)
90
70
50
3.6
3.3
3.0
80
60
85
75
65
55
3.1
3.2
3.4
3.5
–6dBFS
0dBFS
–3dBFS
Figure 23. Third-Order IMD Products vs. AVDD @ fOUT = 10 MHz,
fDAC = 320 MSPS
fDAC (MHz)
90
25
85
80
75
70
65
60
125
175
75
55
50
PLL OFF
PLL ON, OPTIMUM DIV0/DIV1 SETTINGS
Figure 24. SNR vs. fDAC @ fOUT = 10 MHz
TEMPERATURE (°C)
90
–40
85
80
75
70
65
60
08
–20
55
50
0
20
40
60
fDATA = 160MSPS
fDATA = 78MSPS
fDATA = 65MSPS
Figure 25. In-Band SFDR vs. Temperature @ fOUT = fDATA/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com