Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # CC1310
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1310 Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 36Page - Texas Instruments CC1310 Datasheet HTML 37Page - Texas Instruments CC1310 Datasheet HTML 38Page - Texas Instruments CC1310 Datasheet HTML 39Page - Texas Instruments CC1310 Datasheet HTML 40Page - Texas Instruments CC1310 Datasheet HTML 41Page - Texas Instruments CC1310 Datasheet HTML 42Page - Texas Instruments CC1310 Datasheet HTML 43Page - Texas Instruments CC1310 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
9.3 Radio (RF Core)
The RF Core is a highly flexible and future proof radio module which contains an Arm Cortex-M0 processor
that interfaces the analog RF and base-band circuitry, handles data to and from the system CPU side, and
assembles the information bits in a given packet structure. The RF core offers a high level, command-based
API to the main CPU that configurations and data are passed through. The Arm Cortex-M0 processor is not
programmable by customers and is interfaced through the TI-provided RF driver that is included with the
SimpleLink Software Development Kit (SDK).
The RF core can autonomously handle the time-critical aspects of the radio protocols, thus offloading the
main CPU, which reduces power and leaves more resources for the user application. Several signals are also
available to control external circuitry such as RF switches or range extenders autonomously.
The various physical layer radio formats are partly built as a software defined radio where the radio behavior is
either defined by radio ROM contents or by non-ROM radio formats delivered in form of firmware patches with
the SimpleLink SDKs. This allows the radio platform to be updated for support of future versions of standards
even with over-the-air (OTA) updates while still using the same silicon.
9.3.1 Bluetooth 5.2 Low Energy
The RF Core offers full support for Bluetooth 5.2 Low Energy, including the high-sped 2-Mbps physical layer
and the 500-kbps and 125-kbps long range PHYs (Coded PHY) through the TI provided Bluetooth 5.2 stack or
through a high-level Bluetooth API.
The new high-speed mode allows data transfers up to 2 Mbps, twice the speed of Bluetooth 4.2 and five times
the speed of Bluetooth 4.0, without increasing power consumption. In addition to faster speeds, this mode offers
significant improvements for energy efficiency and wireless coexistence with reduced radio communication time.
Bluetooth 5.2 also enables unparalleled flexibility for adjustment of speed and range based on application
needs, which capitalizes on the high-speed or long-range modes respectively. Data transfers are now possible
at 2 Mbps, enabling development of applications using voice, audio, imaging, and data logging that were not
previously an option using Bluetooth low energy. With high-speed mode, existing applications deliver faster
responses, richer engagement, and longer battery life. Bluetooth 5.2 enables fast, reliable firmware updates.
9.3.2 802.15.4 (Zigbee and 6LoWPAN)
Through a dedicated IEEE radio API, the RF Core supports the 2.4-GHz IEEE 802.15.4-2011 physical layer
(2 Mchips per second Offset-QPSK with DSSS 1:8), used in Zigbee and 6LoWPAN protocols. TI provides
royalty-free protocol stacks for Zigbee as part of the SimpleLink SDK, enabling a robust end-to-end solution.
CC2651P3
SWRS257 – MARCH 2022
www.ti.com
40
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com