Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CC1310
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1310 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 13Page - Texas Instruments CC1310 Datasheet HTML 14Page - Texas Instruments CC1310 Datasheet HTML 15Page - Texas Instruments CC1310 Datasheet HTML 16Page - Texas Instruments CC1310 Datasheet HTML 17Page - Texas Instruments CC1310 Datasheet HTML 18Page - Texas Instruments CC1310 Datasheet HTML 19Page - Texas Instruments CC1310 Datasheet HTML 20Page - Texas Instruments CC1310 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
8.10 Bluetooth Low Energy - Receive (RX) (continued)
Measured on the CC26x1-P3EM-7XD24-PA24 reference design with Tc = 25 °C, VDDS = 3.0 V, fRF= 2440 MHz with
DC/DC enabled and high power PA connected to VDDS unless otherwise noted.
All measurements are performed at the antenna input with a combined RX and TX path, except for high power PA which is
measured at a dedicated antenna connection. All measurements are performed conducted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Selectivity, ±7 MHz
Wanted signal at –72 dBm, modulated interferer at ≥ ±7
MHz, BER = 10–3
49 / 45(2)
dB
Selectivity, Image frequency(1)
Wanted signal at –72 dBm, modulated interferer at image
frequency, BER = 10–3
37
dB
Selectivity, Image frequency ±1
MHz(1)
Note that Image frequency + 1 MHz is the Co- channel
–1 MHz. Wanted signal at –72 dBm, modulated interferer
at ±1 MHz from image frequency, BER = 10–3
4 / 46(2)
dB
1 Mbps (LE 1M)
Receiver sensitivity
Differential mode. BER = 10–3
–97
dBm
Receiver sensitivity
Single ended mode. Measured on CC26x1-
P3EM-5XS24, at the SMA connector, BER = 10–3
–97
dBm
Receiver saturation
Differential mode. BER = 10–3
> 5
dBm
Frequency error tolerance
Difference between the incoming carrier frequency and
the internally generated carrier frequency
> (–350 / 350)
kHz
Data rate error tolerance
Difference between incoming data rate and the internally
generated data rate (37-byte packets)
> (–750 / 750)
ppm
Co-channel rejection(1)
Wanted signal at –67 dBm, modulated interferer in
channel, BER = 10–3
–6
dB
Selectivity, ±1 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±1
MHz, BER = 10–3
7 / 4(2)
dB
Selectivity, ±2 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±2
MHz,BER = 10–3
40 / 33(2)
dB
Selectivity, ±3 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±3
MHz, BER = 10–3
36 / 41(2)
dB
Selectivity, ±4 MHz(1)
Wanted signal at –67 dBm, modulated interferer at ±4
MHz, BER = 10–3
37 / 45(2)
dB
Selectivity, ±5 MHz or more(1)
Wanted signal at –67 dBm, modulated interferer at ≥ ±5
MHz, BER = 10–3
40
dB
Selectivity, image frequency(1)
Wanted signal at –67 dBm, modulated interferer at image
frequency, BER = 10–3
33
dB
Selectivity, image frequency
±1 MHz(1)
Note that Image frequency + 1 MHz is the Co- channel
–1 MHz. Wanted signal at –67 dBm, modulated interferer
at ±1 MHz from image frequency, BER = 10–3
4 / 41(2)
dB
Out-of-band blocking(3)
30 MHz to 2000 MHz
–10
dBm
Out-of-band blocking
2003 MHz to 2399 MHz
–18
dBm
Out-of-band blocking
2484 MHz to 2997 MHz
–12
dBm
Out-of-band blocking
3000 MHz to 12.75 GHz
–2
dBm
Intermodulation
Wanted signal at 2402 MHz, –64 dBm. Two interferers
at 2405 and 2408 MHz respectively, at the given power
level
–42
dBm
Spurious emissions,
30 to 1000 MHz
Measurement in a 50-Ω single-ended load.
< –59
dBm
Spurious emissions,
1 to 12.75 GHz
Measurement in a 50-Ω single-ended load.
< –47
dBm
RSSI dynamic range
70
dB
RSSI accuracy
±4
dB
2 Mbps (LE 2M)
Receiver sensitivity
Differential mode. Measured at SMA connector, BER =
10–3
–92
dBm
Receiver sensitivity
Single ended mode. Measured on CC26x1-
P3EM-5XS24, at the SMA connector, BER = 10–3
–92
dBm
Receiver saturation
Differential mode. Measured at SMA connector, BER =
10–3
> 5
dBm
www.ti.com
CC2651P3
SWRS257 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com