Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CC1310
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1310 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 15Page - Texas Instruments CC1310 Datasheet HTML 16Page - Texas Instruments CC1310 Datasheet HTML 17Page - Texas Instruments CC1310 Datasheet HTML 18Page - Texas Instruments CC1310 Datasheet HTML 19Page - Texas Instruments CC1310 Datasheet HTML 20Page - Texas Instruments CC1310 Datasheet HTML 21Page - Texas Instruments CC1310 Datasheet HTML 22Page - Texas Instruments CC1310 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
8.11 Bluetooth Low Energy - Transmit (TX)
Measured on the CC26x1-P3EM-7XD24-PA24 reference design with Tc = 25 °C, VDDS = 3.0 V, fRF= 2440 MHz with
DC/DC enabled and high power PA connected to VDDS unless otherwise noted.
All measurements are performed at the antenna input with a combined RX and TX path, except for high power PA which is
measured at a dedicated antenna connection. All measurements are performed conducted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
General Parameters
Max output power,
high power PA
Differential mode, delivered to a single-ended 50 Ω load through a balun
20
dBm
Output power
programmable range
high power PA
Differential mode, delivered to a single-ended 50 Ω load through a balun
6
dB
Max output power,
high power PA, 10
dBm configuration(3)
Differential mode, delivered to a single-ended 50 Ω load through a balun
10.5
dBm
Max output power,
high power PA, 10
dBm configuration(3)
Single-ended mode. Measured on CC26x1-P3EM-5XS24, delivered to a single-ended 50 Ω
load through a balun
9
dBm
Output power
programmable range
high power PA, 10
dBm configuration(3)
Differential mode, delivered to a single-ended 50 Ω load through a balun
5
dB
Max output power,
regular PA
Differential mode, delivered to a single-ended 50 Ω load through a balun
5
dBm
Max output power,
regular PA
Single-ended mode. Measured on CC26x1-P3EM-5XS24, delivered to a single-ended 50 Ω
load through a balun
3
dBm
Output power
programmable range,
regular PA
Differential mode, delivered to a single-ended 50 Ω load through a balun
26
dB
Spurious emissions and harmonics
Spurious emissions,
high-power PA(1)
f < 1 GHz, outside restricted bands
+20 dBm setting
< -36
dBm
f < 1 GHz, restricted bands FCC
< -55
dBm
f > 1 GHz, including harmonics
-37
dBm
Harmonics,
high-power PA(2)
Second harmonic
-35
dBm
Third harmonic
-42
dBm
Spurious emissions,
high-power PA, 10
dBm configuration(1) (3)
f < 1 GHz, outside restricted bands
+10 dBm setting(3)
< -36
dBm
f < 1 GHz, restricted bands ETSI
< -54
dBm
f < 1 GHz, restricted bands FCC
< -55
dBm
f > 1 GHz, including harmonics
-41
dBm
Harmonics,
high-power PA, 10
dBm configuration(3)
Second harmonic
< -42
dBm
Third harmonic
< -42
dBm
Spurious emissions,
regular PA
f < 1 GHz, outside restricted bands
+5 dBm setting
< –36
dBm
f < 1 GHz, restricted bands ETSI
< –54
dBm
f < 1 GHz, restricted bands FCC
< –55
dBm
f > 1 GHz, including harmonics
< –42
dBm
Harmonics,
regular PA
Second harmonic
< –42
dBm
Third harmonic
< –42
dBm
(1)
To ensure margins for passing FCC band edge requirements at 2483.5 MHz, a lower than maximum output-power setting or less than
100% duty cycle may be used when operating at the upper Bluetooth Low Energy channel(s).
(2)
To ensure margins for passing FCC requirements for harmonic emission, duty cycling may be required. The CC2651P3 LaunchPad
reference design should also be reviewed as the filter provides higher attenuation of harmonics compared to the CC26x1-P3EM-XD24-
PA24 reference design.
(3)
Measured on evaluation board as described in www.ti.com/lit/pdf/swra636.
www.ti.com
CC2651P3
SWRS257 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com