Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CC1310
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1310 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 19Page - Texas Instruments CC1310 Datasheet HTML 20Page - Texas Instruments CC1310 Datasheet HTML 21Page - Texas Instruments CC1310 Datasheet HTML 22Page - Texas Instruments CC1310 Datasheet HTML 23Page - Texas Instruments CC1310 Datasheet HTML 24Page - Texas Instruments CC1310 Datasheet HTML 25Page - Texas Instruments CC1310 Datasheet HTML 26Page - Texas Instruments CC1310 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
8.14.3.3 32.768 kHz Crystal Oscillator (XOSC_LF)
Measured on a Texas Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Crystal frequency
32.768
kHz
ESR
Equivalent series resistance
30
100
kΩ
CL
Crystal load capacitance
6
7(1)
12
pF
(1)
Default load capacitance using TI reference designs including parasitic capacitance. Crystals with different load capacitance may be
used.
8.14.3.4 32 kHz RC Oscillator (RCOSC_LF)
Measured on a Texas Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Calibrated frequency
32.8
kHz
Calibrated
RTC
variation(1)
Calibrated periodically against XOSC_HF(2)
±600(3)
ppm
Temperature coefficient.
50
ppm/°C
(1)
When using RCOSC_LF as source for the low frequency system clock (SCLK_LF), the accuracy of the SCLK_LF-derived Real Time
Clock (RTC) can be improved by measuring RCOSC_LF relative to XOSC_HF and compensating for the RTC tick speed. This
functionality is available through the TI-provided Power driver.
(2)
TI driver software calibrates the RTC every time XOSC_HF is enabled.
(3)
Some device's variation can exceed 1000 ppm. Further calibration will not improve variation.
8.14.4 Synchronous Serial Interface (SSI) Characteristics
8.14.4.1 Synchronous Serial Interface (SSI) Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
NO.
PARAMETER
MIN
TYP
MAX
UNIT
S1
tclk_per
SSIClk cycle time
12
65024
System Clocks (2)
S2(1)
tclk_high
SSIClk high time
0.5
tclk_per
S3(1)
tclk_low
SSIClk low time
0.5
tclk_per
(1)
Refer to SSI timing diagrams Figure 8-1, Figure 8-2, and Figure 8-3.
(2)
When using the TI-provided Power driver, the SSI system clock is always 48 MHz.
SSIClk
SSIFss
SSITx
SSIRx
MSB
LSB
S2
S3
S1
4 to 16 bits
Figure 8-1. SSI Timing for TI Frame Format (FRF = 01), Single Transfer Timing Measurement
www.ti.com
CC2651P3
SWRS257 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com