Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC1310
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1310 Datasheet(HTML) 2 Page - Texas Instruments

  CC1310 Datasheet HTML 1Page - Texas Instruments CC1310 Datasheet HTML 2Page - Texas Instruments CC1310 Datasheet HTML 3Page - Texas Instruments CC1310 Datasheet HTML 4Page - Texas Instruments CC1310 Datasheet HTML 5Page - Texas Instruments CC1310 Datasheet HTML 6Page - Texas Instruments CC1310 Datasheet HTML 7Page - Texas Instruments CC1310 Datasheet HTML 8Page - Texas Instruments CC1310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
2 Applications
• 2400 to 2500 MHz ISM and SRD systems 1
with down to 4 kHz of receive bandwidth
• Building automation
– Building security systems – motion detector,
electronic smart lock, door and window sensor,
garage door system, gateway
– HVAC – thermostat, wireless environmental
sensor, HVAC system controller, gateway
– Fire safety system – smoke and heat detector,
fire alarm control panel (FACP)
– Video surveillance – IP network camera
– Elevators and escalators – elevator main
control panel for elevators and escalators
• Industrial transport – asset tracking
• Factory automation and control
• Medical
• Electronic point of sale (EPOS) – Electronic Shelf
Label (ESL)
• Communication equipment
– Wired networking – wireless LAN or Wi-Fi
access points, edge router , small business
router
• Personal electronics
– Home theater & entertainment – smart
speakers, smart display, set-top box
– Wearables (non-medical) – smart trackers,
smart clothing
3 Description
The SimpleLink™ CC2651P3 device is a single-protocol 2.4-GHz wireless microcontroller (MCU) supporting
Zigbee®, Bluetooth®5.2 Low Energy, IEEE 802.15.4g, TI 15.4-Stack (2.4 GHz). The CC2651P3 is based on an
Arm® Cortex® M4 main processor and optimized for low-power wireless communication and advanced sensing
in grid infrastructure, building automation, retail automation, personal electronics and medical applications.
The CC2651P3 has a software defined radio powered by an Arm® Cortex® M0, which allows support for
multiple physical layers and RF standards. The device supports operation in the 2360 to 2500-MHz frequency
band. The CC2651P3 has an efficient built-in PA that supports +10 dBm TX at 21 mA and +20 dBm TX at
101 mA (7x7 package). CC2651P3 has a receive sensitivity of -104 dBm for 125-kbps Bluetooth® Low Energy
Coded PHY.
The CC2651P3 has a low sleep current of 0.8 μA with RTC and 32KB RAM retention.
Consistent with many customers’ 10 to 15 years or longer life cycle requirements, TI has a product life cycle
policy with a commitment to product longevity and continuity of supply.
The CC2651P3 device is part of the SimpleLink™ MCU platform, which consists of Wi-Fi®, Bluetooth® Low
Energy, Thread, Zigbee, Wi-SUN®, Amazon Sidewalk, mioty, Sub-1 GHz MCUs, and host MCUs. CC2651P3 is
part of a scalable portfolio with flash sizes from 32KB to 704KB with pin-to-pin compatible package options.
The common SimpleLink™CC13xx and CC26xx Software Development Kit (SDK) and SysConfig system
configuration tool supports migration between devices in the portfolio. A comprehensive number of software
stacks, application examples and SimpleLink™ Academy training sessions are included in the SDK. For more
information, visit wireless connectivity.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
CC2651P31T0RGZR
VQFN (48)
7.00 mm × 7.00 mm
CC2651P31T0RKPR
VQFN (40)
5.00 mm × 5.00 mm
(1)
For the most current part, package, and ordering information for all available devices, see the Package Option Addendum in Section
12, or see the TI website.
1 See RF Core for additional details on supported protocol standards, modulation formats, and data rates.
CC2651P3
SWRS257 – MARCH 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com