Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC1310
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1310 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 9Page - Texas Instruments CC1310 Datasheet HTML 10Page - Texas Instruments CC1310 Datasheet HTML 11Page - Texas Instruments CC1310 Datasheet HTML 12Page - Texas Instruments CC1310 Datasheet HTML 13Page - Texas Instruments CC1310 Datasheet HTML 14Page - Texas Instruments CC1310 Datasheet HTML 15Page - Texas Instruments CC1310 Datasheet HTML 16Page - Texas Instruments CC1310 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
8.5 Power Consumption - Power Modes
When measured on the CC26x1-P3EM-XD24-PA24 reference design with Tc = 25 °C, VDDS = 3.0 V with DC/DC enabled
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Core Current Consumption
Icore
Reset and
Shutdown
Reset. RESET_N pin asserted or VDDS below power-on-reset
threshold
150
nA
Shutdown. No clocks running, no retention
100
Standby
without cache
retention
RTC running, CPU, 32KB RAM and (partial) register retention.
RCOSC_LF
0.8
µA
RTC running, CPU, 32KB RAM and (partial) register retention
XOSC_LF
0.9
µA
Standby
with cache retention
RTC running, CPU, 32KB RAM and (partial) register retention.
RCOSC_LF
2.4
µA
RTC running, CPU, 32KB RAM and (partial) register retention.
XOSC_LF
2.6
µA
Idle
Supply Systems and RAM powered
RCOSC_HF
650
µA
Active
MCU running CoreMark at 48 MHz
RCOSC_HF
2.91
mA
Peripheral Current Consumption
Iperi
Peripheral power
domain
Delta current with domain enabled
56.0
µA
Serial power domain Delta current with domain enabled
5.0
RF Core
Delta current with power domain enabled,
clock enabled, RF core idle
144
µDMA
Delta current with clock enabled, module is idle
68.6
Timers
Delta current with clock enabled, module is idle(1)
102
I2C
Delta current with clock enabled, module is idle
12.1
I2S
Delta current with clock enabled, module is idle
30.8
SSI
Delta current with clock enabled, module is idle
71.7
UART
Delta current with clock enabled, module is idle
147
CRYPTO (AES)
Delta current with clock enabled, module is idle
28.1
TRNG
Delta current with clock enabled, module is idle
27.1
(1)
Only one GPTimer running
www.ti.com
CC2651P3
SWRS257 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com