Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC1310
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1310 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 17Page - Texas Instruments CC1310 Datasheet HTML 18Page - Texas Instruments CC1310 Datasheet HTML 19Page - Texas Instruments CC1310 Datasheet HTML 20Page - Texas Instruments CC1310 Datasheet HTML 21Page - Texas Instruments CC1310 Datasheet HTML 22Page - Texas Instruments CC1310 Datasheet HTML 23Page - Texas Instruments CC1310 Datasheet HTML 24Page - Texas Instruments CC1310 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
8.13 Zigbee - IEEE 802.15.4-2006 2.4 GHz (OQPSK DSSS1:8, 250 kbps) - TX
Measured on the CC26x1-P3EM-7XD24-PA24 reference design with Tc = 25 °C, VDDS = 3.0 V, fRF= 2440 MHz with
DC/DC enabled and high power PA connected to VDDS unless otherwise noted.
All measurements are performed at the antenna input with a combined RX and TX path, except for high power PA which is
measured at a dedicated antenna connection. All measurements are performed conducted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
General Parameters
Max output power, high
power PA
Differential mode, delivered to a single-ended 50-Ω load through a balun
20
dBm
Output power
programmable range,
high power PA
Differential mode, delivered to a single-ended 50-Ω load through a balun
6
dB
Max output power, high
power PA, 10 dBm
configuration(4)
Differential mode, delivered to a single-ended 50-Ω load through a balun
10.5
dBm
Max output power, high
power PA, 10 dBm
configuration(4)
Single-ended mode. Measured on CC26x1-P3EM-5XS24, delivered to a single-ended 50-
Ω load through a balun
9
dBm
Output power
programmable range,
high power PA, 10 dBm
configuration(4)
Differential mode, delivered to a single-ended 50-Ω load through a balun
5
dB
Max output power,
regular PA
Differential mode, delivered to a single-ended 50-Ω load through a balun
5
dBm
Output power
programmable range,
regular PA
Differential mode, delivered to a single-ended 50-Ω load through a balun
26
dB
Spurious emissions and harmonics
Spurious emissions,
high-power PA(2)
f < 1 GHz, outside restricted
bands
+20 dBm setting
< -39
dBm
f < 1 GHz, restricted bands FCC
< -49
dBm
f > 1 GHz, including harmonics
-40
dBm
Harmonics,
high-power PA(3)
Second harmonic
-35
dBm
Third harmonic
-42
dBm
Spurious emissions,
high-power PA, 10 dBm
configuration(2) (4)
f < 1 GHz, outside restricted
bands
+10 dBm setting(4)
< -36
dBm
f < 1 GHz, restricted bands ETSI
< -47
dBm
f < 1 GHz, restricted bands FCC
< -55
dBm
f > 1 GHz, including harmonics
-42
dBm
Harmonics,
high-power PA, 10 dBm
configuration(4)
Second harmonic
< -42
dBm
Third harmonic
< -42
dBm
Spurious emissions,
regular PA (1)
f < 1 GHz, outside restricted
bands
+5 dBm setting
< -36
dBm
f < 1 GHz, restricted bands ETSI
< -47
dBm
f < 1 GHz, restricted bands FCC
< -55
dBm
f > 1 GHz, including harmonics
< –42
dBm
Harmonics,
regular PA
Second harmonic
< -42
dBm
Third harmonic
< -42
dBm
IEEE 802.15.4-2006 2.4 GHz (OQPSK DSSS1:8, 250 kbps)
Error vector magnitude,
high power PA
+20 dBm setting
2
%
Error vector magnitude,
high power PA, 10 dBm
configuration(4)
+10 dBm setting
2
%
Error vector magnitude
Regular PA
+5 dBm setting
2
%
(1)
To ensure margins for passing FCC band edge requirements at 2483.5 MHz, a lower than maximum output-power setting or less than
100% duty cycle may be used when operating at 2480 MHz.
www.ti.com
CC2651P3
SWRS257 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com