Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # CC1310
Description  CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1310 Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 25Page - Texas Instruments CC1310 Datasheet HTML 26Page - Texas Instruments CC1310 Datasheet HTML 27Page - Texas Instruments CC1310 Datasheet HTML 28Page - Texas Instruments CC1310 Datasheet HTML 29Page - Texas Instruments CC1310 Datasheet HTML 30Page - Texas Instruments CC1310 Datasheet HTML 31Page - Texas Instruments CC1310 Datasheet HTML 32Page - Texas Instruments CC1310 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
8.15.3 Temperature and Battery Monitor
8.15.3.1 Temperature Sensor
Measured on a Texas Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
2
°C
Accuracy
-40 °C to 0 °C
±4.0
°C
Accuracy
0 °C to 105 °C
±2.5
°C
Supply voltage coefficient(1)
3.9
°C/V
(1)
The temperature sensor is automatically compensated for VDDS variation when using the TI-provided driver.
8.15.3.2 Battery Monitor
Measured on a Texas Instruments reference design with Tc = 25 °C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
25
mV
Range
1.8
3.8
V
Integral nonlinearity (max)
23
mV
Accuracy
VDDS = 3.0 V
22.5
mV
Offset error
-32
mV
Gain error
-1
%
8.15.4 Comparator
8.15.4.1 Continuous Time Comparator
Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range(1)
0
VDDS
V
Offset
Measured at VDDS / 2
±5
mV
Decision time
Step from –10 mV to 10 mV
0.78
µs
Current consumption
Internal reference
9.2
µA
(1)
The input voltages can be generated externally and connected throughout I/Os or an internal reference voltage can be generated using
the DAC
8.15.5 GPIO
8.15.5.1 GPIO DC Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
TA = 25 °C, VDDS = 1.8 V
GPIO VOH at 8 mA load
IOCURR = 2, high-drive GPIOs only
1.56
V
GPIO VOL at 8 mA load
IOCURR = 2, high-drive GPIOs only
0.24
V
GPIO VOH at 4 mA load
IOCURR = 1
1.59
V
GPIO VOL at 4 mA load
IOCURR = 1
0.21
V
GPIO pullup current
Input mode, pullup enabled, Vpad = 0 V
73
µA
GPIO pulldown current
Input mode, pulldown enabled, Vpad = VDDS
19
µA
GPIO low-to-high input transition, with hysteresis
IH = 1, transition voltage for input read as 0 → 1
1.08
V
GPIO high-to-low input transition, with hysteresis
IH = 1, transition voltage for input read as 1 → 0
0.73
V
GPIO input hysteresis
IH = 1, difference between 0 → 1
and 1 → 0 points
0.35
V
TA = 25 °C, VDDS = 3.0 V
GPIO VOH at 8 mA load
IOCURR = 2, high-drive GPIOs only
2.59
V
GPIO VOL at 8 mA load
IOCURR = 2, high-drive GPIOs only
0.42
V
GPIO VOH at 4 mA load
IOCURR = 1
2.63
V
GPIO VOL at 4 mA load
IOCURR = 1
0.40
V
www.ti.com
CC2651P3
SWRS257 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com