Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 31Page - NXP Semiconductors RT600 Datasheet HTML 32Page - NXP Semiconductors RT600 Datasheet HTML 33Page - NXP Semiconductors RT600 Datasheet HTML 34Page - NXP Semiconductors RT600 Datasheet HTML 35Page - NXP Semiconductors RT600 Datasheet HTML 36Page - NXP Semiconductors RT600 Datasheet HTML 37Page - NXP Semiconductors RT600 Datasheet HTML 38Page - NXP Semiconductors RT600 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 167 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2022. All rights reserved.
Product data sheet
Rev. 2.0 — 1 April 2022
35 of 165
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
PIO2_21
A3
R3
P13
Z I/O
0 PIO2_21 — General-purpose digital input/output pin.
I1 PDM_DATA23 — PDM data input for DMIC channels 2 and
3.
2 R — Reserved.
3 R — Reserved.
I4 CTIMER_INP14 — Capture input 14 to CTIMER input muxes.
5 R — Reserved.
O6 FLEXSPI0B_SS1_N — Active low slave select 1 for the
FlexSPI B interface.
PIO2_22
-
P3
P14
Z I/O
0 PIO2_22 — General-purpose digital input/output pin.
I1 PDM_DATA45 — PDM data input for DMIC channels 4 and
5.
2 R — Reserved.
3 R — Reserved.
4 R — Reserved.
5 R — Reserved.
I/O
6 FLEXSPI0B_DATA6 — Data bit 6 for the FlexSPI B interface.
PIO2_23
-
P5
R14
Z I/O
0 PIO2_23 — General-purpose digital input/output pin.
I1 PDM_DATA67 — PDM data input for DMIC channels 6 and
7.
2 R — Reserved.
3 R — Reserved.
4 R — Reserved.
5 R — Reserved.
I/O
6 FLEXSPI0B_DATA7 — Data bit 7 for the FlexSPI B interface.
PIO2_24
-
L16
G2
Z I/O
0 PIO2_24 — General-purpose digital input/output pin.
O1 SWO — Serial Wire Debug trace output.
2 R — Reserved.
3 R — Reserved.
4 R — Reserved.
5 R — Reserved.
O6 GPIO_INT_BMAT — Output of the pin interrupt pattern
match engine.
PIO2_25
D8
L17
F1
Z I/O
0 PIO2_25 — General-purpose digital input/output pin.
O1 SWCLK — Serial Wire Debug clock. This is the default
function after booting. Since the internal pull-ups are disabled
by default, connect external pull-up or pull-down resistor (~10
Kohm) on SWCLK pin to comply with the ARM SWD interface
spec.
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com