Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 53Page - NXP Semiconductors RT600 Datasheet HTML 54Page - NXP Semiconductors RT600 Datasheet HTML 55Page - NXP Semiconductors RT600 Datasheet HTML 56Page - NXP Semiconductors RT600 Datasheet HTML 57Page - NXP Semiconductors RT600 Datasheet HTML 58Page - NXP Semiconductors RT600 Datasheet HTML 59Page - NXP Semiconductors RT600 Datasheet HTML 60Page - NXP Semiconductors RT600 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 167 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2022. All rights reserved.
Product data sheet
Rev. 2.0 — 1 April 2022
57 of 165
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
10.12.5 Device overview
The RT600 incorporates several distinct memory regions. Table 9 gives a simplified view
of the overall map of the entire address space from the user program viewpoint following
reset. The figure indicates the main address regions and how (or whether) they related to
both the Cortex-M33 and the HiFi 4.
[1]
The HiFi 4 accesses shared RAM via a separate connection, not using the AHB matrix.
[2]
Access to the FlexSPI memory space can be enabled or disabled for the CM33 and the HiFi 4.
Table 9.
Device overview memory map
Start addr
End addr
Size
Cortex-M33 function
HiFi 4 function
0x0000 0000 0x0047 FFFF 4.5 MB Shared RAM via the CM33 code bus (non-secure
access). See Section 10.12.7.
Shared RAM - cacheable
access. See Section 10.12.10.
[1]
0x0300 0000 0x0303 FFFF 256 KB Boot ROM (non-secure access). See
Section 10.12.6
-
0x0800 0000 0x0FFF FFFF 128 MB FlexSPI memory mapped space with cache and
on-the-fly AES decryption (non-secure access).
See Section 10.12.6. [2]
FlexSPI memory mapped
space, cacheable. See
Section 10.12.10. [2]
0x1000 0000 0x1047 FFFF 4.5 MB Shared RAM via the CM33 code bus (secure
access). See Section 10.12.7. [3]
-
0x1300 0000 0x1303 FFFF 256 KB Boot ROM (secure access). See Section 10.12.6
-
0x1800 0000 0x1FFF FFFF 128 MB FlexSPI memory mapped space with cache and
on-the-fly AES decryption (secure access). See
Section 10.12.6.
-
0x2000 0000 0x2047 FFFF 4.5 MB Shared RAM via the CM33 data bus (non-secure
access). See Section 10.12.7.
Shared RAM - non-cacheable
access. See Section 10.12.10.
[1]
0x2400 0000 0x2400 FFFF 64 KB
Cortex-M33 access to HiFi 4 data TCM via inbound
PIF (non-secure access). See Section 10.12.6.
HiFi 4 data TCM - 4
interleaved banks. See
Section 10.12.10.
0x2402 0000 0x2402 FFFF 64 KB
Cortex-M33 access to HiFi 4 instruction TCM via
inbound PIF (non-secure access). See
Section 10.12.6.
HiFi 4 instruction TCM. See
Section 10.12.10.
0x2800 0000 0x2FFF FFFF 128 MB -
FlexSPI memory mapped
space, non-cacheable. See
Section 10.12.10. [2]
0x3000 0000 0x3047 FFFF 4.5 MB Shared RAM via the CM33 data bus (secure
access). See Section 10.12.7. [3]
-
0x3400 0000 0x3400 FFFF 64 KB
Cortex-M33 access to HiFi 4 data TCM via inbound
PIF (secure access). See Section 10.12.6.
-
0x3402 0000 0x3402 FFFF 64 KB
Cortex-M33 access to HiFi 4 instruction TCM via
inbound PIF (secure access). See Section 10.12.6.
HiFi 4 instruction TCM. See
Section 10.12.10.
0x4000 0000 0x4003 FFFF 256 KB
[4]
APB peripherals (non-secure access). See
Section 10.12.8.
APB peripherals. See
Section 10.12.10. [5]
0x4010 0000 0x4015 FFFF 400 KB
[4]
AHB peripherals (non-secure access). See
Section 10.12.9.
AHB peripherals. See
Section 10.12.10. [5]
0x5000 0000 0x5003 FFFF 256 KB
[4]
APB peripherals (secure access). See
Section 10.12.8.
-
0x5010 0000 0x5015 FFFF 400 KB
[4]
AHB peripherals (secure access). See
Section 10.12.9.
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com