Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 72Page - NXP Semiconductors RT600 Datasheet HTML 73Page - NXP Semiconductors RT600 Datasheet HTML 74Page - NXP Semiconductors RT600 Datasheet HTML 75Page - NXP Semiconductors RT600 Datasheet HTML 76Page - NXP Semiconductors RT600 Datasheet HTML 77Page - NXP Semiconductors RT600 Datasheet HTML 78Page - NXP Semiconductors RT600 Datasheet HTML 79Page - NXP Semiconductors RT600 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 167 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2022. All rights reserved.
Product data sheet
Rev. 2.0 — 1 April 2022
76 of 165
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
• While USB is in the Suspend mode, the RT600 can enter one of the reduced power
modes and wake up on USB activity.
• Double buffer implementation for Bulk and Isochronous endpoints.
10.17.1.2 USB1 host controller
The host controller enables high speed data exchange with USB devices attached to the
bus. It consists of register interface and serial interface engine. The register interface
complies with the Enhanced Host Controller Interface (EHCI) specification.
Features
• EHCI compliant.
• Two downstream ports.
• Supports per-port power switching.
10.17.2 FlexSPI Flash Inerface
The Flexible Serial Peripheral Interface (FlexSPI) host controller supports up to two SPI
channels and up to 4 external devices. Each channel supports Single/Dual/Quad/Octal
mode data transfer (1/2/4/8 bidirectional data lines).
FlexSPI flash interface with 32 KB cache and dynamic decryption for execute-in-place and
supports DMA.
10.17.2.1 Features
• FlexSPI is compliant to JEDEC’s JESD151 v1.0 for xSPI standard specification
• Flexible sequence engine (LUT table) to support various vendor devices.
– Serial NOR Flash: XccelaFLash, HyperFlash, EcoXiP Flash, Octa Flash, and all
QSPI flash devices
– Serial NAND Flash
– Serial pSRAM: HyperRAM, Xccela RAM (IoTRAM)
– FPGA device
• Flash access mode
– Single/Dual/Quad/Octal mode
– SDR/DDR mode
– Individual/Parallel mode
• Support sampling clock mode:
– Internal dummy read strobe looped back internally
– Internal dummy read strobe looped back from pad
– Flash provided read strobe
• Automatic Data Learning to select correct sample clock phase
• Memory mapped read/write access by AHB Bus
– AHB RX Buffer implemented to reduce read latency. Total AHB RX Buffer size: 256
* 64 Bits
– 16 AHB masters supported with priority for read access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com