Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 111 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 111 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 107Page - NXP Semiconductors RT600 Datasheet HTML 108Page - NXP Semiconductors RT600 Datasheet HTML 109Page - NXP Semiconductors RT600 Datasheet HTML 110Page - NXP Semiconductors RT600 Datasheet HTML 111Page - NXP Semiconductors RT600 Datasheet HTML 112Page - NXP Semiconductors RT600 Datasheet HTML 113Page - NXP Semiconductors RT600 Datasheet HTML 114Page - NXP Semiconductors RT600 Datasheet HTML 115Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 167 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2022. All rights reserved.
Product data sheet
Rev. 2.0 — 1 April 2022
111 of 165
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
14.9 I2S-bus interface
Excluding delays introduced by external device and PCB, the maximum supported bit rate
for I2S master mode (transmit/receive) is 20 Mbit/s and the maximum supported bit rate
for I2S slave mode (transmit/receive) is 20 Mbit/s.
[1]
Based on simulation; not tested in production.
[2]
Clock Divider register (DIV) = 0x0.
[3]
The Flexcomm Interface function clock frequency should not be above 140 MHz. See the data rates section
in the I2S chapter (UM11147) to calculate clock and sample rates.
Table 41.
Dynamic characteristics: I2S-bus interface pins [1][3]
Tamb =0 °C to 85 °C; VDDIO_x = 1.71 V to 3.6 V.; VDDCORE = 1.13 V; CL = 10 pF balanced loading on all pins; Input slew =
1.0 ns, Full Output Drive mode for all pins, SLEW setting = standard mode for all pins; Parameters sampled at the 50% level
of the rising or falling edge.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Common to master and slave
tWH
pulse width HIGH
on pins I2Sx_TX_SCK and I2Sx_RX_SCK
45%
-
55%
TCLK Period
tWL
pulse width LOW
on pins I2Sx_TX_SCK and I2Sx_RX_SCK
45%
-
55%
TCLK Period
Master
tv(Q)
data output valid time
on pin I2Sx_TX_SDA
[2]
0
-
20
ns
on pin I2Sx_WS
0
-
20
ns
tsu(D)
data input set-up time
on pin I2Sx_RX_SDA
[2]
8-
-
ns
th(D)
data input hold time
on pin I2Sx_RX_SDA
[2]
0-
-
ns
Slave
tv(Q)
data output valid time
on pin I2Sx_TX_SDA
[2]
0
-
20
ns
tsu(D)
data input set-up time
on pin I2Sx_RX_SDA
[2]
8-
-
ns
on pin I2Sx_WS
8-
-
ns
th(D)
data input hold time
on pin I2Sx_RX_SDA
[2]
0-
-
ns
on pin I2Sx_WS
0-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com