Electronic Components Datasheet Search
  English  ▼

X  

MCP7940N Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP7940N
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N Datasheet(HTML) 3 Page - Microchip Technology

  MCP7940N Datasheet HTML 1Page - Microchip Technology MCP7940N Datasheet HTML 2Page - Microchip Technology MCP7940N Datasheet HTML 3Page - Microchip Technology MCP7940N Datasheet HTML 4Page - Microchip Technology MCP7940N Datasheet HTML 5Page - Microchip Technology MCP7940N Datasheet HTML 6Page - Microchip Technology MCP7940N Datasheet HTML 7Page - Microchip Technology MCP7940N Datasheet HTML 8Page - Microchip Technology MCP7940N Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
 2011-2022 Microchip Technology Inc. and its subsidiares
DS20005010J-page 3
MCP7940N
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs (except SDA and SCL) w.r.t. VSS.....................................................................-0.6V to VCC +1.0V
SDA and SCL w.r.t. VSS ............................................................................................................................... -0.6V to 6.5V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied................................................................................................-40°C to +125°C
ESD protection on all pins
 4 kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Industrial (I):
VCC = +1.8V to 5.5V
TA = -40°C to +85°C
Extended (E):
VCC = +1.8V to 5.5V
TA = -40°C to +125°C
Param.
No.
Symbol
Characteristic
Minimum Typical(1) Maximum Units
Conditions
D1
VIH
High-Level Input Voltage
0.7 VCC
——
V
D2
VIL
Low-Level Input Voltage
—
—
0.3 VCC
VVCC
 2.5V
—
—
0.2 VCC
VVCC < 2.5V
D3
VHYS
Hysteresis of Schmitt
Trigger Inputs
(SDA, SCL pins)
0.05 VCC
——
V
Note 2
D4
VOL
Low-Level Output Voltage
(MFP, SDA pins)
—
—
0.40
V
IOL = 3.0 mA @
VCC =4.5V
IOL = 2.1 mA @
VCC =2.5V
D5
ILI
Input Leakage Current
—
—
±1
µA
VIN =VSS or VCC
D6
ILO
Output Leakage Current
—
—
±1
µA
VOUT =VSS or VCC
D7
CIN,
COUT
Pin Capacitance
(SDA, SCL, MFP pins)
——
10
pF
VCC =5.0V (Note 2)
TA = +25°C, f = 1 MHz
D8
COSC
Oscillator Pin
Capacitance (X1, X2 pins)
—3
—
pF
Note 2
D9
ICCREAD
SRAM/RTCC Register
Operating Current
—
—
300
µA
VCC =5.5V,
SCL = 400 kHz
ICCWRITE
—
—
400
µA
VCC =5.5V,
SCL = 400 kHz
D10
ICCDAT
VCC Data-Retention
Current (oscillator off)
——
1
µA
SCL, SDA, VCC =5.5V
(I-Temp)
——
5
µA
SCL, SDA, VCC =5.5V
(E-temp)
D11
ICCT
Timekeeping Current
—
1.2
—
µA
VCC =3.3V (Note 2)
D12
VTRIP
Power-fail Switchover
Voltage
1.3
1.5
1.7
V
D13
VBAT
Backup Supply Voltage
Range
1.3
—
5.5
V
Note 2
Note 1: Typical measurements taken at room temperature.
2: This parameter is not tested but ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com