Electronic Components Datasheet Search
  English  ▼

X  

MCP7940N Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP7940N
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP7940N Datasheet HTML 13Page - Microchip Technology MCP7940N Datasheet HTML 14Page - Microchip Technology MCP7940N Datasheet HTML 15Page - Microchip Technology MCP7940N Datasheet HTML 16Page - Microchip Technology MCP7940N Datasheet HTML 17Page - Microchip Technology MCP7940N Datasheet HTML 18Page - Microchip Technology MCP7940N Datasheet HTML 19Page - Microchip Technology MCP7940N Datasheet HTML 20Page - Microchip Technology MCP7940N Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
 2011-2022 Microchip Technology Inc. and its subsidiares
DS20005010J-page 17
MCP7940N
REGISTER 5-2:
RTCMIN: TIMEKEEPING MINUTES VALUE REGISTER (ADDRESS 0x01)
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
MINTEN2
MINTEN1
MINTEN0
MINONE3
MINONE2
MINONE1
MINONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6-4
MINTEN<2:0>: Binary-Coded Decimal Value of Minute’s Tens Digit
Contains a value from 0 to 5
bit 3-0
MINONE<3:0>: Binary-Coded Decimal Value of Minute’s Ones Digit
Contains a value from 0 to 9
REGISTER 5-3:
RTCHOUR: TIMEKEEPING HOURS VALUE REGISTER (ADDRESS 0x02)
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
12/24
AM/PM
HRTEN1
HRTEN0
HRONE3
HRONE2
HRONE1
HRONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
If 12/24 = 1 (12-hour format):
bit 7
Unimplemented: Read as ‘0’
bit 6
12/24: 12 or 24 Hour Time Format bit
1 = 12-hour format
0 = 24-hour format
bit 5
AM/PM: AM/PM Indicator bit
1 = PM
0 = AM
bit 4
HRTEN0: Binary-Coded Decimal Value of Hour’s Tens Digit
Contains a value from 0 to 1
bit 3-0
HRONE<3:0>: Binary-Coded Decimal Value of Hour’s Ones Digit
Contains a value from 0 to 9
If 12/24 = 0 (24-hour format):
bit 7
Unimplemented: Read as ‘0’
bit 6
12/24: 12 or 24 Hour Time Format bit
1 = 12-hour format
0 = 24-hour format
bit 5-4
HRTEN<1:0>: Binary-Coded Decimal Value of Hour’s Tens Digit
Contains a value from 0 to 2.
bit 3-0
HRONE<3:0>: Binary-Coded Decimal Value of Hour’s Ones Digit
Contains a value from 0 to 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com