Electronic Components Datasheet Search
  English  ▼

X  

MCP7940N Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP7940N
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP7940N Datasheet HTML 32Page - Microchip Technology MCP7940N Datasheet HTML 33Page - Microchip Technology MCP7940N Datasheet HTML 34Page - Microchip Technology MCP7940N Datasheet HTML 35Page - Microchip Technology MCP7940N Datasheet HTML 36Page - Microchip Technology MCP7940N Datasheet HTML 37Page - Microchip Technology MCP7940N Datasheet HTML 38Page - Microchip Technology MCP7940N Datasheet HTML 39Page - Microchip Technology MCP7940N Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
MCP7940N
DS20005010J-page 36
 2011-2022 Microchip Technology Inc. and its subsidiares
6.1.3
SRAM/RTCC REGISTER CURRENT
ADDRESS READ
The MCP7940N contains an address counter that
maintains the address of the last byte accessed, inter-
nally incremented by one. Therefore, if the previous
read access was to address n (n is any legal address),
the next current address read operation would access
data from address n + 1.
Upon receipt of the control byte with R/W bit set to ‘1’,
the MCP7940N issues an Acknowledge and transmits
the 8-bit data word. The host will not acknowledge the
transfer but does generate a Stop condition and the
MCP7940N discontinues transmission (Figure 6-3).
FIGURE 6-3:
SRAM/RTCC CURRENT
ADDRESS READ
6.1.4
SRAM/RTCC REGISTER RANDOM
READ
Random read operations allow the host to access any
memory location in a random manner. To perform this
type of read operation, first the address must be set.
This is done by sending the address to the MCP7940N
as part of a write operation (R/W bit set to ‘0’). After the
address is sent, the host generates a Start condition
following the Acknowledge. This terminates the write
operation, but not before the internal Address Pointer is
set. Then, the host issues the control byte again but
with the R/W bit set to a ‘1’. The MCP7940N will then
issue an Acknowledge and transmit the 8-bit data word.
The host will not acknowledge the transfer but it does
generate a Stop condition which causes the
MCP7940N to discontinue transmission (Figure 6-4).
After a random Read command, the internal address
counter will point to the address location following the
one that was just read.
6.1.5
SRAM/RTCC REGISTER
SEQUENTIAL READ
Sequential reads are initiated in the same way as a
random read except that after the MCP7940N trans-
mits the first data byte, the host issues an Acknowledge
as opposed to the Stop condition used in a random
read. This Acknowledge directs the MCP7940N to
transmit the next sequentially addressed 8-bit word
(Figure 6-5). Following the final byte transmitted to the
host, the host will NOT generate an Acknowledge but
will generate a Stop condition. To provide sequential
reads, the MCP7940N contains an internal Address
Pointer which is incremented by one at the completion
of each operation. This Address Pointer allows the
entire memory block to be serially read during one
operation.
Because the RTCC registers and SRAM are separate
blocks, reading past the end of each block will cause
the Address Pointer to roll over to the beginning of the
same block. Specifically, the Address Pointer will roll
over from 0x1F to 0x00, and from 0x5F to 0x20.
FIGURE 6-4:
SRAM/RTCC RANDOM READ
FIGURE 6-5:
SRAM/RTCC SEQUENTIAL READ
Bus Activity
Host
SDA Line
Bus Activity
P
S
S
T
O
P
Control
Byte
S
T
A
R
T
Data
A
C
K
N
O
A
C
K
10
11
1
Byte
11 1
Bus Activity
Host
SDA Line
Bus Activity
A
C
K
N
O
A
C
K
A
C
K
A
C
K
S
T
O
P
S
T
A
R
T
Control
Byte
Address
Byte
Control
Byte
Data
Byte
S
T
A
R
T
S 11 01
0
11 1
S 1101
1
P
111
Bus Activity
Host
SDA Line
Bus Activity
CONTROL
BYTE
DATA n
DATA n + 1
DATA n + 2
DATA n + X
N
O
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
S
T
O
P
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com