Electronic Components Datasheet Search
  English  ▼

X  

MCP7940N Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP7940N
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP7940N Datasheet HTML 4Page - Microchip Technology MCP7940N Datasheet HTML 5Page - Microchip Technology MCP7940N Datasheet HTML 6Page - Microchip Technology MCP7940N Datasheet HTML 7Page - Microchip Technology MCP7940N Datasheet HTML 8Page - Microchip Technology MCP7940N Datasheet HTML 9Page - Microchip Technology MCP7940N Datasheet HTML 10Page - Microchip Technology MCP7940N Datasheet HTML 11Page - Microchip Technology MCP7940N Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
MCP7940N
DS20005010J-page 8
 2011-2022 Microchip Technology Inc. and its subsidiares
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Serial Data (SDA)
This is a bidirectional pin used to transfer addresses
and data into and out of the device. It is an open-drain
terminal. Therefore, the SDA bus requires a pull-up
resistor to VCC (typically 10 k
 for 100 kHz, 2 kfor
400 kHz). For normal data transfer, SDA is allowed to
change only during SCL low. Changes during SCL high
are reserved for indicating the Start and Stop
conditions.
3.2
Serial Clock (SCL)
This input is used to synchronize the data transfer to
and from the device.
3.3
Oscillator Input/Output (X1, X2)
These pins are used as the connections for an external
32.768 kHz quartz crystal and load capacitors. X1 is
the crystal oscillator input and X2 is the output. The
MCP7940N is designed to allow for the use of external
load capacitors in order to provide additional flexibility
when choosing external crystals. The MCP7940N is
optimized for crystals with a specified load capacitance
of 6-9 pF.
X1 also serves as the external clock input when the
MCP7940N is configured to use an external oscillator.
3.4
Multifunction Pin (MFP)
This is an output pin used for the alarm and square
wave output functions. It can also serve as a general
purpose output pin by controlling the OUT bit in the
CONTROL register.
The MFP is an open-drain output and requires a pull-up
resistor to Vcc (typically 10 k
). This pin may be left
floating if not used.
3.5
Backup Supply (VBAT)
This is the input for a backup supply to maintain the
RTCC and SRAM registers during the time when VCC
is unavailable.
If the battery backup feature is not being used, the
VBAT pin should be connected to VSS.
Name
MSOP
PDIP
SOIC
TDFN
TSSOP
Function
X1
11111
Quartz Crystal Input, External Oscillator Input
X2
22222
Quartz Crystal Output
VBAT
33333
Battery Backup Supply Input
Vss
44444
Ground
SDA
55555
Bidirectional Serial Data (I2C)
SCL
66666
Serial Clock (I2C)
MFP
77777
Multifunction Pin
Vcc
88888
Primary Power Supply
Note:
Exposed pad on TFDN can be connected to Vss or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com