Electronic Components Datasheet Search
  English  ▼

X  

MCP7940N Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP7940N
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP7940N Datasheet HTML 31Page - Microchip Technology MCP7940N Datasheet HTML 32Page - Microchip Technology MCP7940N Datasheet HTML 33Page - Microchip Technology MCP7940N Datasheet HTML 34Page - Microchip Technology MCP7940N Datasheet HTML 35Page - Microchip Technology MCP7940N Datasheet HTML 36Page - Microchip Technology MCP7940N Datasheet HTML 37Page - Microchip Technology MCP7940N Datasheet HTML 38Page - Microchip Technology MCP7940N Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
 2011-2022 Microchip Technology Inc. and its subsidiares
DS20005010J-page 35
MCP7940N
6.0
ON-BOARD MEMORY
The MCP7940N has 64 bytes of SRAM for general pur-
pose usage. It is retained when the primary power
supply is removed if a backup supply is present and
enabled.
Although the SRAM is a separate block from the RTCC
registers, they are accessed using the same control
byte, ‘1101111X’.
6.1
SRAM/RTCC Registers
The RTCC registers are located at addresses 0x00 to
0x1F, and the SRAM is located at addresses 0x20 to
0x5F. The SRAM can be accessed while the RTCC reg-
isters are being internally updated. The SRAM is not
initialized by a Power-On Reset (POR).
Neither the RTCC registers nor the SRAM can be
accessed when the device is operating off the backup
power supply.
6.1.1
SRAM/RTCC REGISTER BYTE
WRITE
Following the Start condition from the host, the control
code and the R/W bit (which is a logic low) are clocked
onto the bus by the host transmitter. This indicates to
the addressed client receiver that the address byte will
follow after it has generated an Acknowledge bit during
the ninth clock cycle. Therefore, the next byte transmit-
ted by the host is the address and will be written into the
Address Pointer of the MCP7940N. After receiving
another Acknowledge bit from the MCP7940N, the host
device transmits the data byte to be written into the
addressed memory location. The MCP7940N stores
the data byte into memory and acknowledges again,
and the host generates a Stop condition (Figure 6-1).
If an attempt is made to write to an address past 0x5F,
the MCP7940N will not acknowledge the address or
data bytes, and no data will be written. After a byte
Write command, the internal Address Pointer will point
to the address location following the one that was just
written.
6.1.2
SRAM/RTCC REGISTER
SEQUENTIAL WRITE
The write control byte, address, and the first data byte
are transmitted to the MCP7940N in the same way as
in a byte write. But instead of generating a Stop condi-
tion, the host transmits additional data bytes. Upon
receipt of each byte, the MCP7940N responds with an
Acknowledge, during which the data is latched into
memory and the Address Pointer is internally incre-
mented by one. As with the byte write operation, the
host ends the command by generating a Stop condition
(Figure 6-2).
There is no limit to the number of bytes that can be writ-
ten in a single command. However, because the RTCC
registers and SRAM are separate blocks, writing past
the end of each block will cause the Address Pointer to
roll over to the beginning of the same block. Specifi-
cally, the Address Pointer will roll over from 0x1F to
0x00, and from 0x5F to 0x20.
FIGURE 6-1:
SRAM/RTCC BYTE WRITE
FIGURE 6-2:
SRAM/RTCC SEQUENTIAL WRITE
Bus Activity
Host
SDA Line
Bus Activity
S
T
A
R
T
Control
Byte
Address
Byte
Data
S
T
O
P
A
C
K
A
C
K
A
C
K
S 11 01
0
1 11
P
0
Bus Activity
Host
SDA Line
Bus Activity
S
T
A
R
T
Control
Byte
Address
Byte
Data Byte 0
S
T
O
P
A
C
K
A
C
K
A
C
K
Data Byte N
A
C
K
S 11 0 1
0
111
P
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com