Electronic Components Datasheet Search
  English  ▼

X  

MCP7940N Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP7940N
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP7940N Datasheet HTML 50Page - Microchip Technology MCP7940N Datasheet HTML 51Page - Microchip Technology MCP7940N Datasheet HTML 52Page - Microchip Technology MCP7940N Datasheet HTML 53Page - Microchip Technology MCP7940N Datasheet HTML 54Page - Microchip Technology MCP7940N Datasheet HTML 55Page - Microchip Technology MCP7940N Datasheet HTML 56Page - Microchip Technology MCP7940N Datasheet HTML 57Page - Microchip Technology MCP7940N Datasheet HTML 58Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
MCP7940N
DS20005010J-page 56
 2011-2022 Microchip Technology Inc. and its subsidiares
PRODUCT IDENTIFICATION SYSTEM (AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Not every possible ordering
combination is listed below.
Device:
MCP7940N =
1.8V - 5.5V I2C Serial RTCC
Tape and Reel
Option( 1):
Blank = Tube
T
= Tape and Reel
Temperature
Range:
I
= -40°C to +85°C (AEC-Q100 Grade 3)
E
= -40°C to +125°C (AEC-Q100 Grade 1)
Package:
MNY
= 8-Lead Plastic Dual Flat, No Lead (I-temp
only)
MS
= 8-Lead Plastic Micro Small Outline
SN
= 8-Lead Plastic Small Outline (3.90 mm body)
ST
= 8-Lead Plastic Thin Shrink Small Outline
(4.4 mm body, I-temp only)
Variant( 2, 3):
VAO
= Standard Automotive
Examples:
a)
MCP7940N-E/MSVAO: Automotive Grade,
MSOP Package
b)
MCP7940N-E/SNVAO: Automotive Grade,
SOIC package
c)
MCP7940NT-E/MSVAO: Automotive Grade,
MSOP Package, Tape and Reel
d)
MCP7940NT-E/SNVAO: Automotive Grade,
SOIC package, Tape and Reel
Note 1: Tape and Reel identifier only appears
in the catalog part number description.
This identifier is used for ordering
purposes and is not printed on the
device package. Check with our
Microchip Sales Office for package
availability with the Tape and Reel
option.
2: The VAO/VXX automotive variants
have been designed, manufactured,
tested and qualified in accordance with
AEC-Q100 requirements for
automotive applications.
3: For customers requesting a PPAP, a
customer-specific part will be
generated and provided. A PPAP is not
provided for VAO part numbers.
PART NO.
Device
/XX
Package
Temperature
Range
-X
Tape and Reel
[X]
Option
( 1)
XXX
Variant
( 2, 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com