Electronic Components Datasheet Search
  English  ▼

X  

MCP7940N Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP7940N
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N Datasheet(HTML) 1 Page - Microchip Technology

  MCP7940N Datasheet HTML 1Page - Microchip Technology MCP7940N Datasheet HTML 2Page - Microchip Technology MCP7940N Datasheet HTML 3Page - Microchip Technology MCP7940N Datasheet HTML 4Page - Microchip Technology MCP7940N Datasheet HTML 5Page - Microchip Technology MCP7940N Datasheet HTML 6Page - Microchip Technology MCP7940N Datasheet HTML 7Page - Microchip Technology MCP7940N Datasheet HTML 8Page - Microchip Technology MCP7940N Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
 2011-2022 Microchip Technology Inc. and its subsidiares
DS20005010J-page 1
MCP7940N
Timekeeping Features
• Real-Time Clock/Calendar (RTCC):
- Hours, Minutes, Seconds, Day of Week, Day,
Month, Year
- Leap year compensated to 2399
- 12/24 hour modes
• Oscillator for 32.768 kHz Crystals:
- Optimized for 6-9 pF crystals
• On-Chip Digital Trimming/Calibration:
- ±1 PPM resolution
- ±129 PPM range
• Dual Programmable Alarms
• Versatile Output Pin:
- Clock output with selectable frequency
- Alarm output
- General purpose output
• Power-Fail Time-Stamp:
- Time logged on switchover to and from
Battery mode
Low-Power Features
• Wide Voltage Range:
- Operating voltage range of 1.8V to 5.5V
- Backup voltage range of 1.3V to 5.5V
• Low Typical Timekeeping Current:
- Operating from VCC: 1.2 µA at 3.3V
- Operating from battery backup: 925 nA at
3.0V
• Automatic Switchover to Battery Backup
User Memory
• 64-byte Battery-Backed SRAM
Operating Ranges
• Two-Wire Serial Interface, I2C Compatible
-I2C clock rate up to 400 kHz
• Temperature Range:
- Industrial (I): -40°C to +85°C
- Extended (E): -40°C to +125°C
• Automotive AEC-Q100 Qualified
Packages
• 8-Lead MSOP, 8-Lead PDIP, 8-Lead SOIC,
8-Lead 2x3 TDFN and 8-Lead TSSOP
General Description
The MCP7940N Real-Time Clock/Calendar (RTCC)
tracks time using internal counters for hours, minutes,
seconds, days, months, years, and day of week.
Alarms can be configured on all counters up to and
including months. For usage and configuration, the
MCP7940N supports I2C communications up to
400 kHz.
The open-drain, multi-functional output can be
configured to assert on an alarm match, to output a
selectable frequency square wave, or as a general
purpose output.
The MCP7940N is designed to operate using a
32.768 kHz tuning fork crystal with external crystal
load capacitors. On-chip digital trimming can be used
to adjust for frequency variance caused by crystal
tolerance and temperature.
SRAM and timekeeping circuitry are powered from the
back-up supply when main power is lost, allowing the
device to maintain accurate time and the SRAM
contents. The times when the device switches over to
the back-up supply and when primary power returns
are both logged by the power-fail time-stamp.
Package Types
MSOP, PDIP , SOIC, TSSOP
X1
X2
VBAT
VSS
1
2
3
4
8
7
6
5
VCC
MFP
SCL
SDA
TDFN
X1
X2
VSS
MFP
SDA
VCC
8
7
5
1
2
4
VBAT 3SCL
6
Note 1: Available in I-temp only.
(1)
(1)
(1)
Battery-Backed I2C Real-Time Clock/Calendar with SRAM


Similar Part No. - MCP7940N

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP7940N MICROCHIP-MCP7940N Datasheet
1Mb / 42P
Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP7940N-E/MNY MICROCHIP-MCP7940N-E/MNY Datasheet
1Mb / 42P
Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP7940N-E/MS MICROCHIP-MCP7940N-E/MS Datasheet
1Mb / 42P
Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP7940N-E/SN MICROCHIP-MCP7940N-E/SN Datasheet
1Mb / 42P
Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
More results

Similar Description - MCP7940N

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP79410 MICROCHIP-MCP79410_13 Datasheet
1Mb / 60P
Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
11/29/12 2010-2013
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP79400 MICROCHIP-MCP79400_13 Datasheet
1Mb / 42P
I2C Real-Time Clock/Calendar with SRAM, Unique IDand Battery Switchover
11/29/11
MCP7940M-I MICROCHIP-MCP7940M-I Datasheet
1,006Kb / 38P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP79400 MICROCHIP-MCP79400_16 Datasheet
920Kb / 62P
Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
06/23/16
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208 Datasheet
1,010Kb / 24P
I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
logo
Microchip Technology
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com