Electronic Components Datasheet Search
  English  ▼

X  

MCP7940N Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP7940N
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP7940N Datasheet HTML 7Page - Microchip Technology MCP7940N Datasheet HTML 8Page - Microchip Technology MCP7940N Datasheet HTML 9Page - Microchip Technology MCP7940N Datasheet HTML 10Page - Microchip Technology MCP7940N Datasheet HTML 11Page - Microchip Technology MCP7940N Datasheet HTML 12Page - Microchip Technology MCP7940N Datasheet HTML 13Page - Microchip Technology MCP7940N Datasheet HTML 14Page - Microchip Technology MCP7940N Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
 2011-2022 Microchip Technology Inc. and its subsidiares
DS20005010J-page 11
MCP7940N
5.0
FUNCTIONAL DESCRIPTION
The MCP7940N is a highly-integrated Real-Time
Clock/Calendar
(RTCC).
Using
an
on-board,
low-power oscillator, the current time is maintained in
seconds, minutes, hours, day of week, date, month,
and year. The MCP7940N also features 64 bytes of
general purpose SRAM. Two alarm modules allow
interrupts to be generated at specific times with flexible
comparison options. Digital trimming can be used to
compensate for inaccuracies inherent with crystals.
Using the backup supply input and an integrated power
switch, the MCP7940N will automatically switch to
backup power when primary power is unavailable,
allowing the current time and the SRAM contents to be
maintained. The time-stamp module captures the time
when primary power is lost and when it is restored.
The RTCC configuration and Status registers are used
to access all of the modules featured on the
MCP7940N.
5.1
Memory Organization
The MCP7940N features two different blocks of mem-
ory: the RTCC registers and general purpose SRAM
(Figure 5-1). They share the same address space,
accessed through the ‘1101111X’ control byte.
Unused locations are not accessible. The MCP7940N
will not acknowledge if the address is out of range, as
shown in the shaded region of the memory map in
Figure 5-1.
The RTCC registers are contained in addresses
0x00-0x1F. Table 5-1 shows the detailed RTCC regis-
ter map. There are 64 bytes of user-accessible SRAM,
located in the address range 0x20-0x5F. The SRAM is
a separate block from the RTCC registers. All RTCC
registers and SRAM locations are maintained while
operating from backup power.
FIGURE 5-1:
MEMORY MAP
Time and Date
SRAM (64 Bytes)
Power-Fail/Power-Up Time-Stamps
Alarm 1
Alarm 0
Configuration and Trimming
0x00
0x06
0x07
0x09
0x0A
0x10
0x11
0x17
0x18
0x1F
0x20
0x5F
0x60
0xFF
Unimplemented; device does not ACK
I2C Address:
1101111x
RTCC Registers/SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com