Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 4 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 4 Page - Analog Devices

  AD2428W Datasheet HTML 1Page - Analog Devices AD2428W Datasheet HTML 2Page - Analog Devices AD2428W Datasheet HTML 3Page - Analog Devices AD2428W Datasheet HTML 4Page - Analog Devices AD2428W Datasheet HTML 5Page - Analog Devices AD2428W Datasheet HTML 6Page - Analog Devices AD2428W Datasheet HTML 7Page - Analog Devices AD2428W Datasheet HTML 8Page - Analog Devices AD2428W Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Rev. C
|
Page 4 of 38
|
July 2021
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
A2B BUS DETAILS
Figure 2 shows a single-master, multiple-slave A2B communica-
tions system with the master transceiver controlled by the host.
The host generates a periodic synchronization signal on the
I2S/TDM interface at a fixed frequency (typically 48 kHz) to
which all A2B nodes synchronize.
Communications along the A2B bus occur in periodic super-
frames. The superframe frequency is the same as the
synchronization signal frequency, and data is transferred at a bit
rate that is 1024 times faster (typically 49.152 MHz). Each
superframe is divided into periods of downstream transmission,
upstream transmission, and no transmission (where the bus is
not driven). Data is exchanged over the A2B bus in up to 32
equal width slots for both upstream and downstream
transmissions.
The A2B bus also communicates the following control and
status information between nodes:
•I2C to I2C communication
• General-purpose input/output (GPIO)
•Interrupts
In Figure 3, a superframe is shown with an initial period of
downstream transmission and a later period of upstream
transmission.
All signals on the A2B bus are line coded, and the master node
forwards the synchronization signal downstream from the mas-
ter transceiver to the last slave node transceiver in the form of a
synchronization preamble. This preamble is followed by control
data to build a synchronization control frame (SCF). Down-
stream, TDM synchronous data is added directly after the
control frame. Every slave can use or consume some of the
downstream data and add data for downstream nodes. The last
slave node transceiver responds after the response time with a
synchronization response frame (SRF). Upstream synchronous
data is added by each node directly after the response frame.
Each node can also use or consume upstream data.
The embedded control and response frames allow the host to
individually address each slave transceiver in the system. The
host also enables access to remote peripheral devices that are
connected to the slave transceivers via the I2C or SPI ports for
I2C to I2C communication over distance between multiple
nodes.
All nodes in an A2B system are sampled synchronously in the
same A2B superframe. Synchronous I2S/TDM downstream data
from the master arrives at all slaves in the same A2B superframe,
and the upstream audio data of every node arrives synchro-
nously in the same I2S/TDM frame at the master. The remaining
audio phase differences between slaves can be compensated for
by register-programmable fine adjustment of the SYNC pin sig-
nal delay.
There is a sample delay incurred for data moving between the
A2B bus and the I2S/TDM interfaces because data is received
and transmitted over the I2S/TDM every sample period (typi-
cally 48 kHz). This timing relationship between samples over
the A2B bus is shown in Figure 4.
Note in Figure 4, both downstream and upstream samples are
named for the frame where they enter the A2B system as follows:
• Data transmitted by the master node transceiver in Super-
frame M creates Downstream Data M.
• Data transmitted by the slave node transceivers in Super-
frame N creates Upstream Data N.
• Data received over the I2S/TDM interface by the A2B trans-
ceiver is transmitted over the A2B bus in the next
superframe.
•Data on the A2B bus is transmitted over the I2S/TDM inter-
face of an A2B transceiver in the next superframe.
• Data transmitted across the A2B bus (master to slave or
slave to master) has two frames of latency plus any internal
delay that has accumulated in the transceivers as well as
delays due to wire length. Therefore, overall latency is
slightly over two samples (<50 μs at 48 kHz sample periods)
from the I2S/TDM interface in one A2B transceiver to the
I2S/TDM interface of another A2B transceiver.
To support and extend the A2B bus functions and performance,
the transceivers have additional features, as described in the fol-
lowing sections.
Figure 2. Communication System Block Diagram
A
2
B
HOST
DSP
I2C
MASTER
A2B
TRANSCEIVER
SLAVE A2B
TRANSCEIVER
I2S/TDM
A
2
B
A
2
B
SLAVE A2B
TRANSCEIVER
SLAVE A2B
TRANSCEIVER
I2S/TDM
I2S/TDM
I2S/TDM
I2C
I2C
I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com