Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 1 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 1 Page - Analog Devices

  AD2428W Datasheet HTML 1Page - Analog Devices AD2428W Datasheet HTML 2Page - Analog Devices AD2428W Datasheet HTML 3Page - Analog Devices AD2428W Datasheet HTML 4Page - Analog Devices AD2428W Datasheet HTML 5Page - Analog Devices AD2428W Datasheet HTML 6Page - Analog Devices AD2428W Datasheet HTML 7Page - Analog Devices AD2428W Datasheet HTML 8Page - Analog Devices AD2428W Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
A2B and the A2B logo are registered trademarks of Analog Devices, Inc.
Automotive Audio Bus A2B Transceiver
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
©2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
A2B BUS FEATURES
Line topology
Single master, multiple slave
Up to 15 m between nodes and up to 40 m overall cable
length (see Table 9)
Communication over distance
Synchronous data
Multichannel I
2S/TDM to I2S/TDM
Synchronous clock, phase aligned in all nodes
Low latency slave to slave communication
Control and status information I
2C to I2C
GPIO and interrupt
Bus power or local power slave nodes
Configurable with SigmaStudio graphical software tool
AEC-Q100 qualified for automotive applications
A2B TRANSCEIVER FEATURES
Configurable A
2B bus master or slave operation
I
2C interface
8-bit to 32-bit multichannel I
2S/TDM interface
Programmable I
2S/TDM data rate
Up to 32 upstream and 32 downstream channels
PDM interface
Programmable PDM clock rate
Up to 4 high dynamic range microphone inputs
Simultaneous reception of I
2S data with up to 4 PDM
microphones
Unique ID register for each transceiver
Crossover or straight-through cabling
Programmable settings to optimize EMC performance
APPLICATIONS
Audio communication link
Microphone arrays
Beamforming
Hands free and in car communication
Active and road noise cancellation
Audio/video conferencing systems
Figure 1. Functional Block Diagram
DTX0/IO3
IRQ/IO0
SDA
SCL
ADR1/IO1
IOVDD
BCM
AP
ACM
BN
DVDD
BTRXVDD
VSS
SWP
VIN
ADR2/IO2
ATRXVDD
AN
BP
A2B
TRX B
(Towards
Last Slave)
SENSE
DIAGNOSTICS
PDMCLK/IO7
A
2B
TRX A
(Towards
Master)
DTX1/IO4
DRX0/IO5
DRX1/IO6
BCLK
SYNC
VSSN
VREG1
PLL
PLLVDD
VOUT1
VREG2
VOUT2
I2S/TDM
PDM
I2C


Similar Part No. - AD2428W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2428W AD-AD2428W Datasheet
161Kb / 2P
Automotive Audio Bus A2B Transceiver
AD2428W AD-AD2428W Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
1/2020-Rev. A to Rev. B
AD2428WCCSZ AD-AD2428WCCSZ Datasheet
1Mb / 38P
Automotive Audio Bus (A2B) Transceiver
Rev. D
AD2428WCCSZ-RL AD-AD2428WCCSZ-RL Datasheet
1Mb / 38P
Automotive Audio Bus (A2B) Transceiver
Rev. D
AD2428WCCSZXX AD-AD2428WCCSZXX Datasheet
1Mb / 38P
Automotive Audio Bus (A2B) Transceiver
Rev. D
More results

Similar Description - AD2428W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
logo
Texas Instruments
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
logo
Analog Devices
AD2401 AD-AD2401 Datasheet
206Kb / 2P
Automotive Audio Bus Transceiver
AD2421W AD-AD2421W Datasheet
193Kb / 2P
Automotive Audio Bus A2B Transceiver
AD2426W AD-AD2426W Datasheet
161Kb / 2P
Automotive Audio Bus A2B Transceiver
AD2420 AD-AD2420 Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
1/2020-Rev. A to Rev. B
logo
TDK Electronics
MPZ2012-J TDK-MPZ2012-J Datasheet
171Kb / 4P
Chip beads For A2B
logo
Analog Devices
AD2420 AD-AD2420_V02 Datasheet
1Mb / 38P
Automotive Audio Bus (A2B) Transceiver
Rev. D
AD2431 AD-AD2431 Datasheet
170Kb / 2P
Automotive Audio Bus (A2B) Transceiver
Rev. SpA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com