Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 12 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 12 Page - Analog Devices

Back Button AD2428W Datasheet HTML 8Page - Analog Devices AD2428W Datasheet HTML 9Page - Analog Devices AD2428W Datasheet HTML 10Page - Analog Devices AD2428W Datasheet HTML 11Page - Analog Devices AD2428W Datasheet HTML 12Page - Analog Devices AD2428W Datasheet HTML 13Page - Analog Devices AD2428W Datasheet HTML 14Page - Analog Devices AD2428W Datasheet HTML 15Page - Analog Devices AD2428W Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Rev. C
|
Page 12 of 38
|
July 2021
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
TIMING SPECIFICATIONS
All specifications and characteristics apply across the entire operating conditions range unless otherwise noted.
Table 3. Clock and Reset Timing (A2B Master)
Parameter
Min
Typ
Max
Unit
Timing Requirements
fSYNCM
SYNC Pin Input Frequency Continuous Clock
43.6
44.1, 48.0
48.5
kHz
tSYNCIJ
SYNC Pin Input Jitter RMS TIE
0.29
1.0
ns
tSYNCOJ
SYNC Pin Output Jitter RMS TIE
2.6
ns
fSYSBCLK
Bus Clock
1024 × fSYNCM
kHz
tDNSYNCR
1
1 Only consecutive missed SYNC or SCF transitions for the specified duration result in a reset.
Delay from First Missed SYNC to Reset (A
2B Master)
0.64
0.74
ms
tDNSCFR
1
Delay from First Missed SCF to Reset (A
2B Slave)
0.64
0.74
ms
tPLK
PLL Lock Time
7.5
ms
Table 4. Pulse Density Modulation Microphone Input Timing
Parameter
Min
Typ
Max
Unit
Timing Requirements
tRISS
DRXn Input Setup Before BCLK
12.0
ns
tRIHS
DRXn Input Hold After BCLK
0
ns
tRISS
DRXn Input Setup Before PDMCLK
12.5
ns
tRIHS
DRXn Input Hold After PDMCLK
0
ns
Switching Characteristics
fBCLK
BCLK/PDMCLK Output Frequency
3.05
3.18
MHz
tBCLKOJ
BCLK/PDMCLK Output Jitter RMS Cycle to Cycle
175
ps
tSOL
BCLK/PDMCLK Output Pulse Width Low
161.0
ns
Table 5. GPIO Timing
Parameter
Min
Typ
Max
Unit
Timing Requirement
tFIPW
Input Pulse Width
tSYSBCLK + 1
ns
Switching Characteristic
tFOPW
Output Pulse Width
tSYSBCLK – 1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com