Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 20 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 20 Page - Analog Devices

Back Button AD2428W Datasheet HTML 16Page - Analog Devices AD2428W Datasheet HTML 17Page - Analog Devices AD2428W Datasheet HTML 18Page - Analog Devices AD2428W Datasheet HTML 19Page - Analog Devices AD2428W Datasheet HTML 20Page - Analog Devices AD2428W Datasheet HTML 21Page - Analog Devices AD2428W Datasheet HTML 22Page - Analog Devices AD2428W Datasheet HTML 23Page - Analog Devices AD2428W Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Rev. C
|
Page 20 of 38
|
July 2021
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
ABSOLUTE MAXIMUM RATINGS
Stresses at or above those listed in Table 12 can cause perma-
nent damage to the product. This is a stress rating only;
functional operation of the product at these or any other condi-
tions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum
operating conditions for extended periods may affect product
reliability.
Permanent damage can occur if the digital pin output current
per pin group value is exceeded. For example, if three pins from
Group 2 in Table 13 are sourcing or sinking 2 mA each, the total
current for those pins is 6 mA. Up to 9 mA can be sourced or
sunk by the remaining pins in the group without damaging the
device.
THERMAL CHARACTERISTICS
To determine the junction temperature on the application
printed circuit board (PCB), use the following equations:
TJ = TCASE + ΨJT × PD
where:
TJ = junction temperature (°C).
TCASE = case temperature (°C) measured by customer at top cen-
ter of package.
ΨJT = values in Table 14.
PD = power dissipation.
Values of JA are provided for package comparison and PCB
design considerations. Use JA for a first-order approximation
of TJ by the following equation:
TJ = TA + JA × PD
where TA = ambient temperature (°C).
Values of JC are provided for package comparison and PCB
design considerations when an external heat sink is required.
Values of JB are provided for package comparison and PCB
design considerations.
Thermal characteristics of the LFCSP_SS package are shown in
Table 14. See JESD51-13 for detailed parameter definitions.
The junction to board measurement complies with JESD51-8.
The junction to case measurement complies with MIL-STD-883
(Method 1012.1). All measurements use a 2S2P JEDEC test
board.
Table 12. Absolute Maximum Ratings
Parameter
Rating
VIN to VSS
–0.7 V to +30 V
Power Supply IOVDD to VSS
–0.3 V to +3.63 V
Power Supply DVDD to VSS
–0.3 V to +1.98 V
Power Supply PLLVDD to VSS
–0.3 V to +1.98 V
Power Supply TRXVDD to VSS
–0.3 V to +3.63 V
Digital Pin Output Voltage Swing
1
1 Applies to BCLK, SYNC, DTX0/IO3, DTX1/DRX1/IO4, DRX0/IO5, DRX1/IO6,
IRQ/IO0, ADR1/IO1, ADR2/IO2, PDMCLK/IO7.
–0.3 V to VIOVDD + 0.5 V
Input Voltage2, 3
2 Only applies when the related power supply (V
IOVDD) is within specification. When
the power supply is below specification, the range is the voltage being applied to
that power domain ± 0.2 V.
3 Applies when nominal VIOVDD is 3.3 V.
–0.33 V to +3.63 V
Input Voltage2, 4
4 Applies when nominal V
IOVDD is 1.8 V.
–0.33 V to +2.10 V
I
2C Input Voltage2, 5
5 Applies to SCL and SDA.
–0.33 V to +5.5 V
A2B Bus Terminal Voltage
AP, AN, BP, and BN Pins
–0.5 V to +4.1 V
SENSE, SWP, VSSN Voltage to VSS
+30 V maximum
Storage Temperature Range
–65°C to +150°C
Junction Temperature While Biased
–40°C to +125°C
ESD Rating HBM
VIN and SWP Pins
±2.5 kV
AP, AN, BP, and BN Pins
±2.5 kV
All Other Pins
±2.5 kV
ESD Rating FICDM
All Pins
±1.25 kV
System ESD Rating CON1-A and CON1-B
Terminals6
6 CON1-A and CON1-B are connectors.
IEC 61000-4-2, Air Discharge
±15 kV
IEC 61000-4-2, Contact Discharge
±12 kV
Digital Pin Output Current per Pin Group7
7 For more information, see the following description and Table 13.
15 mA
Table 13. Total Current Pin Groups
Group
Pins in Group
1
IRQ/IO0, ADR1/IO1, ADR2/IO2
2
BCLK, SYNC, DTX0/IO3, DTX1/DRX1/IO4, DRX0/IO5,
DRX1/IO6, IO7
Table 14. Thermal Characteristics
Parameter
Conditions
Typical (°C/W)
JA
Airflow = 0 m/s
31.6
JMA
Airflow = 1 m/s
28.8
JMA
Airflow = 2 m/s
28.1
JC
Airflow = 0 m/s
4.6
JB
Airflow = 0 m/s
14.7
JT
Airflow = 0 m/s
0.20
JT
Airflow = 1 m/s
0.27
JT
Airflow = 2 m/s
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com