Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 11 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 11 Page - Analog Devices

Back Button AD2428W Datasheet HTML 7Page - Analog Devices AD2428W Datasheet HTML 8Page - Analog Devices AD2428W Datasheet HTML 9Page - Analog Devices AD2428W Datasheet HTML 10Page - Analog Devices AD2428W Datasheet HTML 11Page - Analog Devices AD2428W Datasheet HTML 12Page - Analog Devices AD2428W Datasheet HTML 13Page - Analog Devices AD2428W Datasheet HTML 14Page - Analog Devices AD2428W Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
Rev. C
|
Page 11 of 38
|
July 2021
POWER SUPPLY REJECTION RATIO (PSRR)
Typical PSRR at TJ = 40°C with load capacitance 
CLOAD = 4.7 μF || 100 μF.
Figure 5. VOUT1 PSRR, IVOUT1 = 10 mA
Figure 6. VOUT1 PSRR, IVOUT1 = 40 mA
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
10M
VIN = 4.0V
VIN = 5.0V
VIN = 6.0V
VIN = 7.0V
VIN = 8.0V
VIN = 9.0V
VIN = 3.7V
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
10M
VIN = 4.0V
VIN = 5.0V
VIN = 6.0V
VIN = 7.0V
VIN = 8.0V
VIN = 9.0V
VIN = 3.7V
Figure 7. VOUT2 PSRR, IVOUT2 = 10 mA
Figure 8. VOUT2 PSRR, IVOUT2 = 50 mA
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
10M
VIN = 4.0V
VIN = 5.0V
VIN = 6.0V
VIN = 7.0V
VIN = 8.0V
VIN = 9.0V
VIN = 3.7V
–120
–110
–100
–90
–80
–70
–60
–50
–40
–20
–10
0
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
10M
VIN = 4.0V
VIN = 5.0V
VIN = 6.0V
VIN = 7.0V
VIN = 8.0V
VIN = 9.0V
VIN = 3.7V
–30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com