Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 24 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 24 Page - Analog Devices

Back Button AD2428W Datasheet HTML 20Page - Analog Devices AD2428W Datasheet HTML 21Page - Analog Devices AD2428W Datasheet HTML 22Page - Analog Devices AD2428W Datasheet HTML 23Page - Analog Devices AD2428W Datasheet HTML 24Page - Analog Devices AD2428W Datasheet HTML 25Page - Analog Devices AD2428W Datasheet HTML 26Page - Analog Devices AD2428W Datasheet HTML 27Page - Analog Devices AD2428W Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Rev. C
|
Page 24 of 38
|
July 2021
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
The 32-lead LFCSP_SS package pin configuration is shown in
Figure 33. The pin function descriptions are shown in Table 15.
All digital inputs and digital outputs are three-stated with inputs
disabled during reset.
Figure 33. 32-Lead LFCSP_SS and LFCSP Package Pin Configuration
Table 15. AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W) Pin Function Descriptions
Pin
No.
Pin Name
Type
Alternate
Functions
1
Description
1
PLLVDD
PWR
None
Power Supply for PLL. PLLVDD can be supplied by VVOUT1.
2, 3
DVDD
PWR
None
Power Supply for Digital Core Logic. DVDD can be supplied by VVOUT1.
4
2
SCL
D_IO
None
Serial Clock for I
2C Data Transfers. Digital input in A2B master mode. Digital input (I2C slave) or
output (I
2C master) in A2B slave mode. This pin uses open-drain I/O cells and must be pulled up
to VI2C_VBUS through a resistor (consult Version 2.1 of the I
2C bus specification for the proper
resistor value). Connect the pin to ground when the I
2C interface is not used.
52
SDA
D_IO
None
I2C Mode Serial Data. This pin is a bidirectional open-drain input/output and must be pulled up
to VI2C_VBUS through a resistor (consult Version 2.1 of the I
2C bus specification for the proper
resistor value). Connect the pin to ground if the I2C interface is not used.
6
2
IRQ/IO0
D_IO
None
Interrupt Request Output. In master mode, A
2B transceivers create event driven interrupt
requests towards the host controller.
In slave mode, this pin indicates mailbox empty/full status to the slave node processor when
mailbox interrupts are enabled.
When not serving as an interrupt output pin, this pin serves as a general-purpose I/O pin with
interrupt request input capability. The IRQ/IO0 pin must be initialized to become either an input
or an output. This pin is high impedance by default.
72
ADR1/IO1
D_IO
CLKOUT1
The ADR1/IO1 and ADR2/IO2 pins set the I2C slave device address during power-on reset; up to
four A2B master transceiver chips connect to the same I2C bus. The ADR1/IO1 pin is high
impedance by default. The ADR1/IO1 pin can then be initialized to become a general-purpose
input/output (GPIO) pin with interrupt request capability.
This pin can be programmed to become a clock output (CLKOUT1). The clock output can be used
as a master clock for connected ADCs and DACs or to synchronize switching voltage regulators.
In this table, the Type is defined as follows: PWR = power/ground, A_IN = analog input, D_OUT = digital output, A_IO = analog input/output,
D_IO = digital input/output, N/A = not applicable.
9 10 11 121314 1516
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32 31 30 29 28 27 26 25
PLLVDD
DVDD
DVDD
SCL
SDA
IRQ/IO0
ADR1/IO1
ADR2/IO2
BCM
BN
BP
BTRXVDD
ATRXVDD
AP
AN
ACM
EPAD
(PIN 33)
TOP VIEW
PIN 33 IS THE EXPOSED PAD ON THE BOTTOM OF THE PACKAGE. THIS PIN MUST BE CONNECTED TO GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com