Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 22 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 22 Page - Analog Devices

Back Button AD2428W Datasheet HTML 18Page - Analog Devices AD2428W Datasheet HTML 19Page - Analog Devices AD2428W Datasheet HTML 20Page - Analog Devices AD2428W Datasheet HTML 21Page - Analog Devices AD2428W Datasheet HTML 22Page - Analog Devices AD2428W Datasheet HTML 23Page - Analog Devices AD2428W Datasheet HTML 24Page - Analog Devices AD2428W Datasheet HTML 25Page - Analog Devices AD2428W Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Rev. C
|
Page 22 of 38
|
July 2021
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
TEST CONDITIONS
All timing parameters in this data sheet were measured under
the conditions described in this section. Figure 26 shows the
measurement point for ac measurements (except output
enable/disable). The measurement point, VMEAS, is VIOVDD/2 for
VIOVDD (nominal) = 3.3 V.
Output Enable Time Measurement
Output pins are considered enabled when they make a transi-
tion from a high impedance state to the point when they start
driving.
The output enable time, tENA, is the interval from the point when
a reference signal reaches a high or low voltage level to the point
when the output starts driving, as shown on the right side of
Figure 27. If multiple pins are enabled, the measurement value
is that of the first pin to start driving.
Output Disable Time Measurement
Output pins are considered disabled when they stop driving,
enter a high impedance state, and start to decay from the output
high or low voltage. The output disable time, tDIS, is the interval
from when a reference signal reaches a high or low voltage level
to the point when the output stops driving, as shown on the left
side of Figure 27.
Capacitive Loading
Output delays and holds are based on standard capacitive loads
of an average of 6 pF on all pins (see Figure 28). VLOAD is equal
to VIOVDD/2. Figure 29 through Figure 32 show how output rise
time varies with capacitance. The delay and hold specifications
given must be derated by a factor derived from these figures.
The graphs in Figure 29 through Figure 32 cannot be linear out-
side the ranges shown.
Figure 24. GPIO, BCLK, and SYNC Drivers (DS1, 1.8 V IOVDD)
Figure 25. GPIO, BCLK, and SYNC Drivers (DS1, 3.3 V IOVDD)
Figure 26. Voltage Reference Levels for AC Measurements
(Except Output Enable/Disable)
– 10
0
0.4
0.8
1.2
2.0
5
VOL
IOVDD = 1.9V @ – 40°C
IOVDD = 1.8V @ 25°C
– 5
IOVDD = 1.7V @ 125°C
– 15
0
1.6
0.2
0.6
1
1.4
1.8
SOURCE VOLTAGE (V)
15
10
VOH
0
0
1.0
2.0
3.0
4.0
–40
VOL
20
IOVDD = 3.6V @ – 40°C
IOVDD = 3.3V @ 25°C
IOVDD = 3.0V @ 125°C
– 20
– 60
40
0.5
1.5
2.5
3.5
SOURCE VOLTAGE (V)
60
VOH
INPUT
OR
OUTPUT
VMEAS
VMEAS
Figure 27. Output Enable/Disable
REFERENCE
SIGNAL
tDIS
OUTPUT STARTS DRIVING
HIGH IMPEDANCE STATE
OUTPUT STOPS DRIVING
tENA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com