Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 6 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 6 Page - Analog Devices

Back Button AD2428W Datasheet HTML 2Page - Analog Devices AD2428W Datasheet HTML 3Page - Analog Devices AD2428W Datasheet HTML 4Page - Analog Devices AD2428W Datasheet HTML 5Page - Analog Devices AD2428W Datasheet HTML 6Page - Analog Devices AD2428W Datasheet HTML 7Page - Analog Devices AD2428W Datasheet HTML 8Page - Analog Devices AD2428W Datasheet HTML 9Page - Analog Devices AD2428W Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Rev. C
|
Page 6 of 38
|
July 2021
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
I2S Reduced Rate
Slave transceivers can run the I2S/TDM/PDM interface at a
reduced rate frequency, with respect to the superframe rate. The
reduced rate frequency is derived by dividing the superframe
rate from a programmable set of values. Different slave nodes
can be configured to run at different reduced I2S/TDM rates.
The transceiver provides an option for a processor to track the
full rate audio frame, which contains new reduced rate samples.
The IO7 pin can be used as a strobe, and the direction can be
configured as an input or output.
PULSE DENSITY MODULATION (PDM) INTERFACE
The PDM block on the transceiver converts a PDM input
stream into pulse code modulated (PCM) data to be sent over
the A2B bus and/or out to the local node through the I2S/TDM
port. It supports high dynamic range microphones with high
signal-to-noise ratio (SNR) and extended maximum sound
pressure level. The PDM interface supports 12 kHz and 24 kHz
frame rates in addition to a 48 kHz frame rate and can be used
on both master and slave transceivers.
Even lower PDM sampling rates (for example, down to 375 Hz)
are possible in combination with the reduced rate feature of the
transceiver. The cutoff frequency of the high-pass filter in the
transceiver PDM block is fixed to 1 Hz.
BCLK can be used to clock PDM microphones on a slave, but if
PDMCLK/IO7 is used instead, the BCLK frequency can be set to
a different frequency using the I2S/TDM registers. In this case,
PDMCLK/IO7 is used as the PDM clock (PDMCLK) to capture
PDM input on DRX0/DRX1. The clock rate from PDMCLK is
64× the SYNC frequency.
On a master node, BCLK is always an input, so the clock to
PDM microphones that are attached to a master typically comes
from PDMCLK/IO7. It is possible to use BCLK to drive the
PDM clock inputs on a master node, but this restricts the possi-
ble TDM settings because BCLK is required to fall within the
fBCLK specification in Table 4.
BCLK and PDMCLK/IO7 can also be used concurrently to
clock PDM microphones at the same frequency and phase
alignment, but with opposite polarity. Additionally, a register
setting selects whether rising edge data or falling edge data is
sampled first.
GPIO OVER DISTANCE
The transceiver supports general-purpose input/output (GPIO)
between multiple nodes without host intervention after initial
programming. The host is required only for initial setup of the
GPIO bus ports. I/O pins of different nodes can be logically OR
or AND gate combined.
MAILBOXES
The transceiver supports interrupt driven, bidirectional mes-
sage exchange between I2C master devices (microcontrollers) at
different slave nodes and the host connected to the master node
transceiver in two dedicated mailboxes. The mailboxes can be
used to customize handshaking among numerous nodes in a
system to coordinate system events, such as synchronizing
audio.
DATA SLOT EXCHANGE BETWEEN SLAVES
Using the DTX0 and DTX1 pins, slave transceivers can selec-
tively output upstream or downstream data that originates from
other nodes without the need for data slots to be routed through
the master node. Receive data channels can be skipped based on
a programmable offset, when the data is presented as upstream
or downstream slots to the A2B bus.
CLOCK SUSTAIN STATE
In the clock sustain state, audio signals of locally powered slave
nodes are attenuated in the event of lost bus communication.
When the bus loses communication and a reliable clock cannot
be recovered by the slave node, the slave node transceiver enters
the sustain state and, if enabled, signals this event to a GPIO pin.
In the clock sustain state, the phase-locked loop (PLL) of the
slave node transceiver continues to run for 1024 SYNC periods,
while attenuating the I2S DTX0 to DTX1 data from the current
value to 0. After the 1024 SYNC periods, the slave node trans-
ceiver resets and reenters the power-up state.
PROGRAMMABLE SETTINGS TO OPTIMIZE EMC
PERFORMANCE
The following programmable features can be used to improve
electromagnetic compatibility (EMC) performance.
Programmable LVDS Transmit Levels
The low voltage differential signal (LVDS) transmitter can be set
to transmit the signal at high, medium, or low levels. Higher
transmit levels yield greater immunity to EMI, whereas lower
transmit levels can reduce emissions from the twisted-pair
cables that link A2B bus nodes together. The improved LVDS
receiver (compared to other members of the AD242xW family)
maintains robust operation when transmit levels are lowered.
Spread-Spectrum Clocking
Spread-spectrum clocking can be used to reduce narrow-band
emissions on a printed circuit board (PCB). Spread-spectrum
clocking is disabled on the transceiver by default, but spread-
spectrum clocking for all internal clocks can be enabled during
discovery by a register write.
If spread-spectrum clocking support is enabled for the internal
clocks, spread-spectrum clocking can also be enabled for both
the I2S interface and the programmed CLKOUTs. Enabling
spread-spectrum clocking for internal clocks, CLKOUTs, and
the I2S interface may reduce narrow-band emissions by several
dB on a particular node. When spread-spectrum clocking is
enabled on a clock output, the time interval error (TIE) jitter on
that clock increases.
Unique ID
Each transceiver contains a unique ID, which can be read from
registers using software. If a read of the unique ID fails, an inter-
rupt can be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com