Electronic Components Datasheet Search
  English  ▼

X  

107721 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 107721
Description  QUINT4-PS/1AC/24DC/2.5/SC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

107721 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  107721 Datasheet HTML 1Page - PHOENIX CONTACT 107721 Datasheet HTML 2Page - PHOENIX CONTACT 107721 Datasheet HTML 3Page - PHOENIX CONTACT 107721 Datasheet HTML 4Page - PHOENIX CONTACT 107721 Datasheet HTML 5Page - PHOENIX CONTACT 107721 Datasheet HTML 6Page - PHOENIX CONTACT 107721 Datasheet HTML 7Page - PHOENIX CONTACT 107721 Datasheet HTML 8Page - PHOENIX CONTACT 107721 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
QUINT4-PS/1AC/24DC/2.5/SC
107721_en_00
PHOENIX CONTACT
3 / 28
Description
Type
Order No.
Pcs./Pkt.
Primary-switched QUINT POWER power supply with
screw connection for DIN rail mounting, input: single-
phase, output: 24 V DC / 2.5 A
QUINT4-PS/1AC/24DC/2.5/
SC
2904598
1
3Ordering data
Accessories
Type
Order No.
Pcs./Pkt.
Pluggable device protection, according to type 3/class III,
for 1-phase power supply networks with separate N and
PE (3-conductor system: L1, N, PE), with integrated
surge-proof fuse and remote indication contact. Also
suitable for DC applications.
PLT-SEC-T3-230-FM
2905229
1
Pluggable device protection, according to type 3/class III,
for 1-phase power supply networks with separate N and
PE (3-conductor system: L1, N, PE), with integrated
surge-proof fuse and remote indication contact. Also
suitable for DC applications.
PLT-SEC-T3-24-FM
2905223
1
Screwdriver, flat bladed, size: 0.4 x 2.0 x 60 mm, 2-
component grip, with non-slip grip
SF-SL 0,4X2,0-60
1212546
10
Multi-channel electronic device circuit breaker for
protecting four loads at 24 V DC in the event of overload
and short circuit. With electronic locking of the set nominal
currents. For installation on DIN rails.
CBMC E4 24DC/1-10A NO
2906032
1
Multi-channel electronic device circuit breaker for
protecting four loads at 24 V DC in the event of overload
and short circuit. With electronic locking of the set nominal
currents. For installation on DIN rails.
CBMC E4 24DC/1-4A NO
2906031
1
Multi-channel electronic device circuit breaker that can be
preconfigured, for protecting four loads at 24 V DC in the
event of overload and short circuit. With electronic locking
of the set nominal currents. For installation on DIN rails.
CBMC E4 24DC/1-4A NO-C
2908713
1
The range of accessories is being continuously extended. The current range of accessories can be found in
the download area for the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com