Electronic Components Datasheet Search
  English  ▼

X  

107721 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 107721
Description  QUINT4-PS/1AC/24DC/2.5/SC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

107721 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  107721 Datasheet HTML 1Page - PHOENIX CONTACT 107721 Datasheet HTML 2Page - PHOENIX CONTACT 107721 Datasheet HTML 3Page - PHOENIX CONTACT 107721 Datasheet HTML 4Page - PHOENIX CONTACT 107721 Datasheet HTML 5Page - PHOENIX CONTACT 107721 Datasheet HTML 6Page - PHOENIX CONTACT 107721 Datasheet HTML 7Page - PHOENIX CONTACT 107721 Datasheet HTML 8Page - PHOENIX CONTACT 107721 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1Description
Power supply unit
QUINT4-PS/1AC/24DC/2.5/SC
© PHOENIX CONTACT
Data sheet
QUINT POWER power supplies are exceptionally small yet
offer superior system availability in the sub 100 W power
range.
Powerful
–
Static boost of up to 125% (P
N) for a sustained period
–
Dynamic boost of up to 200% (P
N) for 5 s
Space-saving
–
Slim design
–
Slim design for 120 mm control boxes
Preventive
–
Function monitoring through adjustable signaling of
power thresholds or output voltage
Flexible connection technology
–
Tried-and-tested screw connection
–
Fast Push-in connection
Durable
–
Efficiency up to 92%
–
Low power dissipation
Technical data (short form)
Input voltage range
100 V AC ... 240 V AC -15 % ...
+10 %
Mains buffering
> 54 ms (120 V AC)
> 54 ms (230 V AC)
Nominal output voltage (U
N)
24 V DC
Setting range of the output voltage
(U
Set)
24 V DC ... 28 V DC
Nominal output current (I
N)
Static Boost (I
Stat.Boost)
Dynamic Boost (I
Dyn.Boost)
2.5 A
3.125 A (permanently up to 40°C)
5 A (Available up to 60°C for 5 s)
Output power (P
N)
Output power (P
Stat. Boost)
Output power (P
Dyn. Boost)
60 W
75 W
120 W
Efficiency
typ. 91.9 % (120 V AC)
typ. 92.6 % (230 V AC)
Residual ripple
< 40 mV
PP
MTBF (IEC 61709, SN 29500)
> 734000 h (40 °C)
Ambient temperature (operation)
-25 °C ... 70 °C
-40°C (startup type tested)
> 60 °C Derating: 2.5 %/K
Dimensions W/H/D
32 mm / 99 mm / 90 mm
Weight
0.244 kg
All technical specifications are nominal and refer to a room temperature of 25 °C and 70% relative humidity at
100 m above sea level.
107721_en_00
2017-12-13


Similar Part No. - 107721

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
10772 FESTO-10772 Datasheet
96Kb / 1P
Pneumatic valve
logo
Heyco.
10772 HEYCO-10772 Datasheet
99Kb / 1P
Nylon PCB Supports - Adhesive-Back Mount
logo
PHOENIX CONTACT
107720 PHOENIX-107720 Datasheet
302Kb / 28P
QUINT4-PS/1AC/24DC/1.3/SC
2017-12-20
107722 PHOENIX-107722 Datasheet
301Kb / 28P
QUINT4-PS/1AC/24DC/3.8/SC
2018-01-17
logo
Belden Inc.
107723 BELDEN-107723 Datasheet
570Kb / 4P
PROFIBUS Data Double-Ended Cordset: Male straight B-coded black M12
02-03-2025
More results

Similar Description - 107721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
107099 PHOENIX-107099 Datasheet
546Kb / 38P
QUINT4-PS/1AC/24DC/5
107101 PHOENIX-107101 Datasheet
551Kb / 39P
QUINT4-PS/1AC/24DC/20
2904597 PHOENIX-2904597 Datasheet
302Kb / 28P
QUINT4-PS/1AC/24DC/1.3/SC
2904598 PHOENIX-2904598 Datasheet
305Kb / 28P
QUINT4-PS/1AC/24DC/2.5/SC
2904599 PHOENIX-2904599 Datasheet
301Kb / 28P
QUINT4-PS/1AC/24DC/3.8/SC
2909576 PHOENIX-2909576 Datasheet
307Kb / 28P
QUINT4-PS/1AC/24DC/2.5/PT
108315 PHOENIX-108315 Datasheet
307Kb / 28P
QUINT4-PS/1AC/24DC/2.5/PT
2017-12-13
107722 PHOENIX-107722 Datasheet
301Kb / 28P
QUINT4-PS/1AC/24DC/3.8/SC
2018-01-17
2904614 PHOENIX-2904614 Datasheet
436Kb / 12P
Power supply unit - QUINT4-SYS-PS/1AC/24DC/2.5/SC
03/16/2022
107720 PHOENIX-107720 Datasheet
302Kb / 28P
QUINT4-PS/1AC/24DC/1.3/SC
2017-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com