Electronic Components Datasheet Search
  English  ▼

X  

107721 Datasheet(PDF) 22 Page - PHOENIX CONTACT

Part # 107721
Description  QUINT4-PS/1AC/24DC/2.5/SC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

107721 Datasheet(HTML) 22 Page - PHOENIX CONTACT

Back Button 107721 Datasheet HTML 18Page - PHOENIX CONTACT 107721 Datasheet HTML 19Page - PHOENIX CONTACT 107721 Datasheet HTML 20Page - PHOENIX CONTACT 107721 Datasheet HTML 21Page - PHOENIX CONTACT 107721 Datasheet HTML 22Page - PHOENIX CONTACT 107721 Datasheet HTML 23Page - PHOENIX CONTACT 107721 Datasheet HTML 24Page - PHOENIX CONTACT 107721 Datasheet HTML 25Page - PHOENIX CONTACT 107721 Datasheet HTML 26Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
QUINT4-PS/1AC/24DC/2.5/SC
107721_en_00
PHOENIX CONTACT 22 / 28
10
Output characteristic curves
The U/I output characteristic curve is optimized for the
following applications:
–
When supplying loads with high switch-on currents,
such as motors. The dynamic boost of the power supply
supplies up to 200% of the nominal power for 5 s. This
ensures that sufficient reserve energy is available;
overdimensioning of the power supply is not necessary.
–
For system extension. With the static boost, up to
125% of the nominal output power is available for a
sustained period (up to 40°C).
–
For fast energy storage charging (e.g., of batteries) to
supply a wide range of loads. The power supply
operates in the nominal operating range. Energy supply
to the load is ensured.
Figure 15
U/I output characteristic curve
t [s]
I
Dyn. Boost
I
N
I
Stat. Boost
5s
U
N
100%
125%
200%
0
0
5s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com