Electronic Components Datasheet Search
  English  ▼

X  

107721 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 107721
Description  QUINT4-PS/1AC/24DC/2.5/SC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

107721 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 107721 Datasheet HTML 4Page - PHOENIX CONTACT 107721 Datasheet HTML 5Page - PHOENIX CONTACT 107721 Datasheet HTML 6Page - PHOENIX CONTACT 107721 Datasheet HTML 7Page - PHOENIX CONTACT 107721 Datasheet HTML 8Page - PHOENIX CONTACT 107721 Datasheet HTML 9Page - PHOENIX CONTACT 107721 Datasheet HTML 10Page - PHOENIX CONTACT 107721 Datasheet HTML 11Page - PHOENIX CONTACT 107721 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
QUINT4-PS/1AC/24DC/2.5/SC
107721_en_00
PHOENIX CONTACT
8 / 28
Efficiency
120 V AC
230 V AC
typ. 91.9 %
typ. 92.6 %
75
77
79
81
83
85
87
89
91
93
95
I
[A]
Out
0
0,5
1
1,5
2
2,5
3
3,5
4
4,5
5
= U : 120V AC/U : 24 V DC
In
Out
= U : 230V AC/U : 24 V DC
In
Out
Ambient conditions
Ambient temperature (operation)
-25 °C ... 70 °C (> 60 °C Derating: 2.5 %/K)
The ambient temperature (operation) refers to IEC 61010 surrounding air temperature.
Ambient temperature (start-up type tested)
-40 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Max. permissible relative humidity (operation)
≤ 95 % (at 25 °C, non-condensing)
Installation height
≤ 5000 m (> 2000 m, observe derating)
Vibration (operation)
< 15 Hz, ±2.5 mm amplitude; 15 Hz ... 100 Hz: 2.3 g 90 Min. (in
accordance with IEC 60068-2-6)
Shock
18 ms, 30g, in each space direction (according to IEC 60068-
2-27)
Degree of pollution
2
Climatic class
3K3 (in acc. with EN 60721)
Overvoltage category
EN 61010-1/EN 61010-2-201 (≤ 5000 m)
EN 62477-1 (≤ 2000 m)
II
III
Standards
Safety of power supply units up to 1100 V (insulation
distances)
DIN EN 61558-2-16
Electrical safety (of control and regulation devices)
IEC 61010-1
SELV
IEC 61010-1 (SELV)
IEC 61010-2-201 (PELV)
Safe isolation
IEC 61558-2-16
IEC 61010-2-201
Approvals
UL
UL Listed UL 61010-1
UL Listed UL 61010-2-201
UL 1310 Class 2 Power Units
SIQ
CB-Scheme (IEC 61010-1, IEC 61010-2-201)
Current approvals/permissions for the product can be found in the download area under
phoenixcontact.net/products



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com