Electronic Components Datasheet Search
  English  ▼

X  

107721 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 107721
Description  QUINT4-PS/1AC/24DC/2.5/SC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

107721 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  107721 Datasheet HTML 1Page - PHOENIX CONTACT 107721 Datasheet HTML 2Page - PHOENIX CONTACT 107721 Datasheet HTML 3Page - PHOENIX CONTACT 107721 Datasheet HTML 4Page - PHOENIX CONTACT 107721 Datasheet HTML 5Page - PHOENIX CONTACT 107721 Datasheet HTML 6Page - PHOENIX CONTACT 107721 Datasheet HTML 7Page - PHOENIX CONTACT 107721 Datasheet HTML 8Page - PHOENIX CONTACT 107721 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
QUINT4-PS/1AC/24DC/2.5/SC
107721_en_00
PHOENIX CONTACT
5 / 28
Electric strength of the insulation
A
Type test (IEC/EN 60950-1)
4 kV AC
Production test
3 kV AC
Field test
2 kV AC
Housing
A
A
Signaling
Input
L
N
(+)
(-)
Output
+
POWER factor
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
0,80
0,90
1,00
I
[A]
Out
0
123
5
= U : 120 V AC/U : 24 V DC
In
Out
= U : 230 V AC/U : 24 V DC
In
Out
4
Crest factor
120 V AC
230 V AC
typ. 1,69
typ. 1,82
Input current vs. output current
0,0
0,2
0,4
0,6
0,8
1,0
012345
I
[A]
Out
= U : 120V AC/U : 24 V DC
In
Out
= U : 230V AC/U : 24 V DC
In
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com