Electronic Components Datasheet Search
  English  ▼

X  

107721 Datasheet(PDF) 23 Page - PHOENIX CONTACT

Part # 107721
Description  QUINT4-PS/1AC/24DC/2.5/SC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

107721 Datasheet(HTML) 23 Page - PHOENIX CONTACT

Back Button 107721 Datasheet HTML 19Page - PHOENIX CONTACT 107721 Datasheet HTML 20Page - PHOENIX CONTACT 107721 Datasheet HTML 21Page - PHOENIX CONTACT 107721 Datasheet HTML 22Page - PHOENIX CONTACT 107721 Datasheet HTML 23Page - PHOENIX CONTACT 107721 Datasheet HTML 24Page - PHOENIX CONTACT 107721 Datasheet HTML 25Page - PHOENIX CONTACT 107721 Datasheet HTML 26Page - PHOENIX CONTACT 107721 Datasheet HTML 27Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
QUINT4-PS/1AC/24DC/2.5/SC
107721_en_00
PHOENIX CONTACT 23 / 28
11
Boost currents
The power supply provides the static boost (I
Stat.Boost) for a
sustained load supply or the time-limited dynamic boost
(I
Dyn.Boost).
11.1
Static Boost
For system expansion purposes, the sustained static boost
(I
Stat.Boost) supports the load supply with up to 125% of the
nominal current of the power supply. Due to the self-heating
caused by heat from electrical current, the static boost can
be used at ambient temperatures of ≤40°C.
Figure 16
Performance characteristic in static boost
11.2
Dynamic Boost
Dynamic boost (I
Dyn.Boost) delivers up to 200% of the power
supply nominal current to supply high loads. This temporary
power supply to the load lasts a maximum of 5 s at an
ambient temperature of up to 60°C.
Figure 17
Basic curve of the dynamic boost process
T [°C]
A
40
60
70
P
Dyn. Boost
P
Stat. Boost
P
N
100%
125%
200%
75%
-25
I
Dyn.Boost
t [s]
I
Base Load
t
Dyn.Boost
t
Dyn.Boost
t
Pause



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com