Electronic Components Datasheet Search
  English  ▼

X  

107721 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 107721
Description  QUINT4-PS/1AC/24DC/2.5/SC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

107721 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 107721 Datasheet HTML 6Page - PHOENIX CONTACT 107721 Datasheet HTML 7Page - PHOENIX CONTACT 107721 Datasheet HTML 8Page - PHOENIX CONTACT 107721 Datasheet HTML 9Page - PHOENIX CONTACT 107721 Datasheet HTML 10Page - PHOENIX CONTACT 107721 Datasheet HTML 11Page - PHOENIX CONTACT 107721 Datasheet HTML 12Page - PHOENIX CONTACT 107721 Datasheet HTML 13Page - PHOENIX CONTACT 107721 Datasheet HTML 14Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
QUINT4-PS/1AC/24DC/2.5/SC
107721_en_00
PHOENIX CONTACT 10 / 28
Signal
0.5 kV (Test Level 2 -
symmetrical)
0.5 kV (Test Level 1 -
asymmetrical)
2 kV (Test Level 4 -
symmetrical)
4 kV (Test Level 4 -
asymmetrical)
Comments
Criterion B
Criterion A
Conducted interference EN 61000-4-6
Input/Output/Signal
asymmetrical
asymmetrical
Frequency range
0.15 MHz ... 80 MHz
0.15 MHz ... 80 MHz
Voltage
10 V (Test Level 3)
10 V (Test Level 3)
Comments
Criterion A
Criterion A
Power frequency magnetic field EN 61000-4-8
50 Hz , 60 Hz ( 30 A/m )
16.67 Hz , 50 Hz , 60 Hz ( 100
A/m 60 s )
not required
50 Hz , 60 Hz ( 1 kA/m , 3 s )
not required
0 Hz ( 300 A/m , DC, 60 s )
Comments
Criterion A
Criterion A
Voltage dips EN 61000-4-11
Input voltage ( 100 V AC , 60 Hz )
Voltage dip
70 % , 25 periods
( Test Level 2 )
70 % , 0.5, 1.25 periods
( Test Level 2 )
Comments
Criterion C
Criterion B
Voltage dip
40 % , 10 periods
( Test Level 2 )
40 % , 5, 10, 50 periods
( Test Level 2 )
Comments
Criterion C
Criterion B
Voltage dip
0 % , 1 period
( Test Level 2 )
0 % , 0,5, 1, 5, 50 periods
( Test Level 2 )
Comments
Criterion B
Criterion B
CE basic standard
Minimum normative
requirements of EN 61000-
6-2 (CE)
(immunity for industrial
environments)
Higher requirements in
practice (covered)
Basic standard
Minimum normative
requirements of EN 61000-
6-5 (power station
equipment, zone 1, 2)
Higher requirements in
practice (covered)
Pulse-shape magnetic field EN 61000-4-9
not required
1000 A/m
Comments
none
Criterion A
Attenuated sinusoidal oscillations (ring wave) EN 61000-4-12
Input
1 kV (symmetrical)
2 kV (symmetrical)
2 kV (asymmetrical)
4 kV (asymmetrical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com