Electronic Components Datasheet Search
  English  ▼

X  

107721 Datasheet(PDF) 24 Page - PHOENIX CONTACT

Part # 107721
Description  QUINT4-PS/1AC/24DC/2.5/SC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

107721 Datasheet(HTML) 24 Page - PHOENIX CONTACT

Back Button 107721 Datasheet HTML 20Page - PHOENIX CONTACT 107721 Datasheet HTML 21Page - PHOENIX CONTACT 107721 Datasheet HTML 22Page - PHOENIX CONTACT 107721 Datasheet HTML 23Page - PHOENIX CONTACT 107721 Datasheet HTML 24Page - PHOENIX CONTACT 107721 Datasheet HTML 25Page - PHOENIX CONTACT 107721 Datasheet HTML 26Page - PHOENIX CONTACT 107721 Datasheet HTML 27Page - PHOENIX CONTACT 107721 Datasheet HTML 28Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
QUINT4-PS/1AC/24DC/2.5/SC
107721_en_00
PHOENIX CONTACT 24 / 28
12
Signaling
For signaling and the functional monitoring of the power
supply two LEDs and an active signal output are available.
Using the rotary selector select the required functional
monitoring. The monitoring of the output voltage (DC OK) or
the exceedance of the output power threshold are available
(P
Out > PThr).
12.1
Rotary selector switch in position DC OK:
In this switch position the output voltage (U
Out) is monitored.
If the DC OK threshold is exceeded (U
Out > 0.9 x USet) the
green DC OK LED turns on. Additionally, the signal output
(SIG) "active high" is active. If the output voltage drops
below the DC OK threshold value (U
Out < 0.9 x USet), the
DC OK LED flashes. The signal output is switched to "active
low".
12.2
Rotary selector switch in position >50 %, >75 %
or boost >100 %:
In each of these switch positions the output power (P
Out) is
monitored. When the set threshold is exceeded the yellow
LED lights up (P
Out > PThr) and the signal output (SIG)
switches to "active low".
12.3
Location and function of the signaling elements
Figure 18
Position of signaling elements
Key
The following table shows the standard assignment for signaling for the U/I characteristic curves which is set by default.
Figure 19
U/I signaling
No.
Signaling elements
1
LED status indicator DC OK
LED on: U
Out > 90% x USet
LED flashing: U
Out < 90% x USet
2LED P
Out > PThr
3Active signal output
Output DC
−−
Boost > 100%
> 75%
> 50%
DC OK
P>P
Out
Thr
U
Out
Signal (SIG)
SIG
+
3.1 2.1 2.2 2.3
1
2
3
LED: P
> P
Out
Thr
Normal operation
BOOST
Overload operation
yellow
LED flashing
LED on
LED off
P< P
Out
Thr
P> P
Out
Thr
U
< 0.9 x U
Out
Set
Signal SIG: P
> P
Out
Thr
active high
active low
default
active low
LED: DC OK
Signal SIG: DC OK
active high
active high
green
default
active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com