Electronic Components Datasheet Search
  English  ▼

X  

2201821 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2201821
Description  Series EH...F electronics housings
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201821 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2201821 Datasheet HTML 1Page - PHOENIX CONTACT 2201821 Datasheet HTML 2Page - PHOENIX CONTACT 2201821 Datasheet HTML 3Page - PHOENIX CONTACT 2201821 Datasheet HTML 4Page - PHOENIX CONTACT 2201821 Datasheet HTML 5Page - PHOENIX CONTACT 2201821 Datasheet HTML 6Page - PHOENIX CONTACT 2201821 Datasheet HTML 7Page - PHOENIX CONTACT 2201821 Datasheet HTML 8Page - PHOENIX CONTACT 2201821 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Series EH...F electronics housings
106461_en_00
PHOENIX CONTACT
3 / 21
3
Ordering data
Electronics housing of width 22.5
Description
Type
Order No.
Pcs. / Pkt.
Lower housing part with vents and base latch for DIN rail mounting, width
22.5 mm
Material: ABS
Color: light gray, similar to RAL 7035
Color: black, similar to RAL 9005
EH 22,5 F-B/ABS GY7035
EH 67,5-B/ABS BK9005
2200665
2200666
10
10
Housing cover for PCB connection on one side, width 22.5 mm
Material: ABS
Color: light gray, similar to RAL 7035
Color: black, similar to RAL 9005
EH 22,5 F-C SS/ABS GY7035
EH 22,5 F-C SS/ABS BK9005
2200674
2201452
10
10
Housing cover for PCB connection on two sides, width 22.5 mm
Material: ABS
Color: light gray, similar to RAL 7035
Color: black, similar to RAL 9005
EH 22,5 F-C DS/ABS GY7035
EH 22,5 F-C DS/ABS BK9005
2201453
2201456
10
10
Housing cover, closed, width 22.5 mm
Material: ABS
Color: light gray, similar to RAL 7035
Color: black, similar to RAL 9005
EH 22,5 F-C CS/ABS GY7035
EH 22,5 F-C CS/ABS BK9005
2201653
2201765
10
10
Electronics housing of width 35
Description
Type
Order No.
Pcs. / Pkt.
Lower housing part with vents and base latch for DIN rail mounting, width
35 mm
Material: ABS
Color: light gray, similar to RAL 7035
Color: black, similar to RAL 9005
EH 35 F-B/ABS GY7035
EH 35 F-B/ABS BK9005
2201814
2201815
10
10
Housing cover for PCB connection on one side, width 35 mm
Material: ABS
Color: light gray, similar to RAL 7035
Color: black, similar to RAL 9005
EH 35-C SS/ABS GY7035
EH 35-C SS/ABS BK9005
2201820
2201821
10
10
Housing cover for PCB connection on two sides, width 35 mm
Material: ABS
Color: light gray, similar to RAL 7035
Color: black, similar to RAL 9005
EH 35 F-C DS/ABS GY7035
EH 35 F-C DS/ABS BK9005
2201826
2201827
10
10
Housing cover, closed, width 35 mm
Material: ABS
Color: light gray, similar to RAL 7035
Color: black, similar to RAL 9005
EH 35 F-C CS/ABS GY7035
EH 35 F-C CS/ABS BK9005
2201832
2201833
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com