Electronic Components Datasheet Search
  English  ▼

X  

2201821 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 2201821
Description  Series EH...F electronics housings
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201821 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 2201821 Datasheet HTML 10Page - PHOENIX CONTACT 2201821 Datasheet HTML 11Page - PHOENIX CONTACT 2201821 Datasheet HTML 12Page - PHOENIX CONTACT 2201821 Datasheet HTML 13Page - PHOENIX CONTACT 2201821 Datasheet HTML 14Page - PHOENIX CONTACT 2201821 Datasheet HTML 15Page - PHOENIX CONTACT 2201821 Datasheet HTML 16Page - PHOENIX CONTACT 2201821 Datasheet HTML 17Page - PHOENIX CONTACT 2201821 Datasheet HTML 18Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Series EH...F electronics housings
106461_en_00
PHOENIX CONTACT
14 / 21
8.2
Plug-in base strip, pitch 5
for PCB L3
Contact surface: tin. Assembly: soldering
Figure 15
Base strip (example, 1753550)
Figure 16
Dimensions of MSTBV 2,5/...-G
Figure 17
Drilling diagram of MSTBV 2,5/...-G
MSTBV 2,5/...-G
15
12,6
3,8
8,6
a+5
2,5
5
a
a
5
2,5
Dimensions
Length
8.6 mm
Pitch
5 mm
Pin dimensions
1 mm x 1 mm
Hole diameter
1.4 mm
Product
Dimension
a
No. of
pos.
MSTBV 2,5/ 4-G
1753479
15 mm
4
MSTBV 2,5/ 6-G
1753518
25 mm
6
MSTBV 2,5/ 6-G BK
1755286
25 mm
6
MSTBV 2,5/ 8-G
1753550
35 mm
8
MSTBV 2,5/ 8-G BK
1755309
35 mm
8
MSTBV 2,5/ 9-G
1753576
40 mm
9
MSTBV 2,5/12-G
1753631
55 mm
12
MSTBV 2,5/13-G
1753657
60 mm
13
MSTBV 2,5/17-G
1753738
80 mm
17
Technical data
Insulation material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
400 V
Connection acc. to standard
EN-VDE
Nominal current I
N
12 A
Maximum load current
12 A
Insulation material
PA
Flammability rating according to
UL 94
V0
Suitable connectors
PCB connector with screw connection
MVSTBW 2,5/...-ST (pitch 5)
MVSTBW 2,5/...-STEH (pitch 5)
PCB connector with spring connection
FKCT 2,5/...-ST (pitch 5)
Accessories
Coding tab for header pin
MSTB-BL, 1755477
Coding section
CR-MSTB, 1734401
Coding profile
CP-MSTB,1734634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com