Electronic Components Datasheet Search
  English  ▼

X  

2201821 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 2201821
Description  Series EH...F electronics housings
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201821 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 2201821 Datasheet HTML 7Page - PHOENIX CONTACT 2201821 Datasheet HTML 8Page - PHOENIX CONTACT 2201821 Datasheet HTML 9Page - PHOENIX CONTACT 2201821 Datasheet HTML 10Page - PHOENIX CONTACT 2201821 Datasheet HTML 11Page - PHOENIX CONTACT 2201821 Datasheet HTML 12Page - PHOENIX CONTACT 2201821 Datasheet HTML 13Page - PHOENIX CONTACT 2201821 Datasheet HTML 14Page - PHOENIX CONTACT 2201821 Datasheet HTML 15Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Series EH...F electronics housings
106461_en_00
PHOENIX CONTACT
11 / 21
7.3
Connection technology with housing cover SS
Figure 9
Connection technology with housing cover SS
(top side)
7.4
Connection technology with housing cover CS
Figure 10
Connection technology with housing cover CS
(top side)
7.5
Locked areas, lower side
Figure 11
Lower side for all PCBs (locked areas)
*
Maximum no. of pos.
F
F
F
G
H
EH 22,5 F
43.6 mm
–
–
EH 35 F
43.6 mm
14.80 mm
1.4 mm
EH 45 F
43.6 mm
19.50 mm
2.0 mm
EH 52,5 F
43.6 mm
23.30 mm
1.9 mm
EH 67,5 F
43.6 mm
30.75 mm
2.0 mm
EH 70 F
43.6 mm
32.00 mm
2.0 mm
EH 90 F
43.6 mm
42.00 mm
2.0 mm
Keep-out zone, no components
at these positions
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com