Electronic Components Datasheet Search
  English  ▼

X  

2201821 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 2201821
Description  Series EH...F electronics housings
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201821 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 2201821 Datasheet HTML 6Page - PHOENIX CONTACT 2201821 Datasheet HTML 7Page - PHOENIX CONTACT 2201821 Datasheet HTML 8Page - PHOENIX CONTACT 2201821 Datasheet HTML 9Page - PHOENIX CONTACT 2201821 Datasheet HTML 10Page - PHOENIX CONTACT 2201821 Datasheet HTML 11Page - PHOENIX CONTACT 2201821 Datasheet HTML 12Page - PHOENIX CONTACT 2201821 Datasheet HTML 13Page - PHOENIX CONTACT 2201821 Datasheet HTML 14Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Series EH...F electronics housings
106461_en_00
PHOENIX CONTACT
10 / 21
7
PCBs, dimensional drawings
7.1
PCB dimensions, horizontal, L1 – L3
Figure 7
Dimensional drawing of horizontal PCB
7.2
Connection technology with housing cover DS
Figure 8
Connection technology with housing cover DS
(top side)
Dimensions for
A
B
EH 22,5 F
PCB L1
45.6 mm
18.3 mm
PCB L 2
*
*
for connection technology MKDS and PST
73.1 mm
18.5 mm
PCB L3
†
†
for connection technology MKKDSH, MSTBV, MCV and PST
71.0 mm
18.5 mm
EH 35 F
PCB L1
45.6 mm
30.7 mm
PCB L2
*
73.1 mm
31.0 mm
PCB L3
†
71.0 mm
31.0 mm
EH 45 F
PCB L1
45.6 mm
40.7 mm
PCB L2
*
73.1 mm
41.0 mm
PCB L3
†
71.0 mm
41.0 mm
EH 52,5 F
PCB L1
45.6 mm
48.2 mm
PCB L2
*
73.1 mm
48.5 mm
PCB L3
†
71.0 mm
48.5 mm
EH 67,5 F
PCB L1
45.6 mm
63.2 mm
PCB L2
*
73.2 mm
63.5 mm
PCB L3
†
71.0 mm
63.5 mm
EH 70 F
PCB L1
45.6 mm
65.7 mm
PCB L2
*
73.2 mm
66.0 mm
PCB L3
†
71.0 mm
66.0 mm
EH 90 F
PCB L1
45.6 mm
85.7 mm
PCB L2
*
73.2 mm
86.0 mm
PCB L3
†
71.0 mm
86.0 mm
A
Connection
technology
for plug
D
E
F
G
MKDS 3/...
5.08 60.80
43.6
1.4
MKKDSH 3/...
5
52.90
1.3
MSTBV 2,5 (5)
MVSTBW (5)
63.35
1.4
MSTBV 2,5 (5,08)
MVSTBW
(5,08)
5.08
63.35
1.4
MSTBV 2,5 (5,08)
MSTB (5,08)
58.00
1.4
MSTBV 2,5 (5,08)
FKCT (5,08)
62.20
1.4
PST 1,3/...-5,0
5
55.50
1.5
MCV 1,3/...-G-3,81
3.81 59.30
1.4
Ø G
F
E
A
EH...
22,5 F
35 F
45 F
52,5 F
67,5 F
70 F
90 F
Connection tech-
nology
for plug
C
*
C
*
C
*
C
*
C
*
C
*
C
*
MKDS 3/...
1.63
4
2.80
6
2.72
8
3.93
9
3.81
12
2.52
13
4.90
17
MKKDSH 3/...
1.75
3.00
3.00
4.25
4.25
3.00
5.50
MSTBV 2,5 (5)
MVSTBW (5)
MSTBV 2,5 (5,08)
MVSTBW (5,08)
1.63
2.80
2.72
3.93
3.81
2.52
4.90
MSTBV 2,5 (5,08)
MSTB (5,08)
MSTBV 2,5 (5,08)
FKCT (5,08)
PST 1,3/...-5,0
1.75
3.00
3.00
4.25
4.25
5.50
12
5.50
MCV 1,3/...-G-3,81
1.63
5
2.165
8
3.355
10
3.295
12
2.48
16
3.83
12
4.205
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com