Electronic Components Datasheet Search
  English  ▼

X  

2201821 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2201821
Description  Series EH...F electronics housings
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201821 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2201821 Datasheet HTML 1Page - PHOENIX CONTACT 2201821 Datasheet HTML 2Page - PHOENIX CONTACT 2201821 Datasheet HTML 3Page - PHOENIX CONTACT 2201821 Datasheet HTML 4Page - PHOENIX CONTACT 2201821 Datasheet HTML 5Page - PHOENIX CONTACT 2201821 Datasheet HTML 6Page - PHOENIX CONTACT 2201821 Datasheet HTML 7Page - PHOENIX CONTACT 2201821 Datasheet HTML 8Page - PHOENIX CONTACT 2201821 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Series EH...F electronics housings
106461_en_00
PHOENIX CONTACT
2 / 21
Table of contents
1
Description .................................................................. 1
2
Overview of the EH...F products .................................. 2
3
Ordering data .............................................................. 3
4
Material ....................................................................... 6
5
External dimensions .................................................... 7
5.1
Lower housing part with housing cover................ 7
5.2
Housing cover (breakouts and labeling field)....... 8
6
PCB arrangement........................................................ 9
6.1
PCB, horizontal, L1 – L3 ...................................... 9
6.2
Inner dimensions with L1 – L3 ............................. 9
7
PCBs, dimensional drawings..................................... 10
7.1
PCB dimensions, horizontal, L1 – L3 ................. 10
7.2
Connection technology with housing cover DS.. 10
7.3
Connection technology with housing cover SS.. 11
7.4
Connection technology with housing cover CS.. 11
7.5
Locked areas, lower side ................................... 11
8
Connection technology.............................................. 12
8.1
PCB terminal block base, soldered, pitch 5.08
for PCB L2 ......................................................... 13
8.2
Plug-in base strip, pitch 5
for PCB L3 ......................................................... 14
8.3
Plug-in base strip, pitch 5.08
for PCB L3 ......................................................... 15
8.4
PCB terminal block base, soldered, pitch 5
for PCB L3 ......................................................... 16
8.5
Pin strip, pitch 5 for PCB L3 ............................... 17
8.6
Base strip, pitch 5.08 for PCB L3 ....................... 18
9
Mounting the housing ................................................ 19
9.1
Mounting on a DIN rail ....................................... 19
9.2
Mounting on a mounting surface ....................... 19
9.3
Mounting the housing cover .............................. 20
9.4
Mounting the filler plugs..................................... 21
2
Overview of the EH...F products
Figure 2
Overview (example, EH 45 F)
EH...F-C SS/...
EH...F-C DS/...
EH...F-C CS/...
EH ...F-B/...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com