Electronic Components Datasheet Search
  English  ▼

X  

2201821 Datasheet(PDF) 19 Page - PHOENIX CONTACT

Part # 2201821
Description  Series EH...F electronics housings
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201821 Datasheet(HTML) 19 Page - PHOENIX CONTACT

Back Button 2201821 Datasheet HTML 13Page - PHOENIX CONTACT 2201821 Datasheet HTML 14Page - PHOENIX CONTACT 2201821 Datasheet HTML 15Page - PHOENIX CONTACT 2201821 Datasheet HTML 16Page - PHOENIX CONTACT 2201821 Datasheet HTML 17Page - PHOENIX CONTACT 2201821 Datasheet HTML 18Page - PHOENIX CONTACT 2201821 Datasheet HTML 19Page - PHOENIX CONTACT 2201821 Datasheet HTML 20Page - PHOENIX CONTACT 2201821 Datasheet HTML 21Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Series EH...F electronics housings
106461_en_00
PHOENIX CONTACT
19 / 21
9
Mounting the housing
9.1
Mounting on a DIN rail
The housing is supplied with a base latch for DIN rail mount-
ing as standard.
Figure 30
Snapping the housing onto the DIN rail (A),
and removing it (B)
Mounting
•
Place the device onto a grounded 35 mm DIN rail from
above so that the upper housing slot hooks onto the top
edge of the DIN rail (A).
•
Press the device carefully at the top of the housing to-
wards the mounting surface.
•
Once the snap-on foot has audibly snapped onto the
DIN rail, check whether it is securely attached.
Removal
•
Use a suitable screwdriver to release the locking mech-
anism on the snap-on foot of the device (B).
•
Hold the device at the housing cover and carefully tilt it
upwards.
•
Carefully lift the device off the DIN rail.
9.2
Mounting on a mounting surface
The housing can be supplied with a base latch for wall
mounting on customer request.
Figure 31
Wall mounting
Figure 32
Drilling diagram for wall mounting
A
B
Ø4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com