Electronic Components Datasheet Search
  English  ▼

X  

2201821 Datasheet(PDF) 16 Page - PHOENIX CONTACT

Part # 2201821
Description  Series EH...F electronics housings
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201821 Datasheet(HTML) 16 Page - PHOENIX CONTACT

Back Button 2201821 Datasheet HTML 12Page - PHOENIX CONTACT 2201821 Datasheet HTML 13Page - PHOENIX CONTACT 2201821 Datasheet HTML 14Page - PHOENIX CONTACT 2201821 Datasheet HTML 15Page - PHOENIX CONTACT 2201821 Datasheet HTML 16Page - PHOENIX CONTACT 2201821 Datasheet HTML 17Page - PHOENIX CONTACT 2201821 Datasheet HTML 18Page - PHOENIX CONTACT 2201821 Datasheet HTML 19Page - PHOENIX CONTACT 2201821 Datasheet HTML 20Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Series EH...F electronics housings
106461_en_00
PHOENIX CONTACT
16 / 21
8.4
PCB terminal block base, soldered, pitch 5
for PCB L3
Assembly: soldering
Several PCB terminal block bases can be mounted in rows
onto the PCB on each housing side.
Figure 21
PCB terminal block base (example, 1703283)
Figure 22
Dimensions of MKKDSH 3/...
Figure 23
Drilling diagram of MKKDSH 3/...
MKKDSH 3/...
a+5
11,1
9,49
5
a
2,5
a
5
2,5
Dimensions
Length
11.1 mm
Pitch
5 mm
Number of positions
2
Pin dimensions
0.9 mm x 0.9 mm
Hole diameter
1.3 mm
Product
Dimension a
No. of
pos.
MKKDSH 3/ 2
1721045
5 mm
2
MKKDSH 3/ 8
1703283
35 mm
8
Technical data
Insulation material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
400 V
Rated voltage (II/2)
630 V
Connection acc. to standard
EN-VDE
Nominal current I
N
24 A
Nominal cross section
2.5 mm²
Maximum load current, with a
4 mm² conductor cross section
24 A
Insulation material
PA
Flammability rating according to
UL 94
V0
Solder pin surface
Sn
Internal cylindrical gauge
A3
Stripping length
7 mm
Screw thread
M3
Tightening torque
0.5 Nm ... 0.6 Nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com